Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC110AG2 Datasheet(PDF) 2 Page - Texas Instruments

Part # VFC110AG2
Description  High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VFC110AG2 Datasheet(HTML) 2 Page - Texas Instruments

  VFC110AG2 Datasheet HTML 1Page - Texas Instruments VFC110AG2 Datasheet HTML 2Page - Texas Instruments VFC110AG2 Datasheet HTML 3Page - Texas Instruments VFC110AG2 Datasheet HTML 4Page - Texas Instruments VFC110AG2 Datasheet HTML 5Page - Texas Instruments VFC110AG2 Datasheet HTML 6Page - Texas Instruments VFC110AG2 Datasheet HTML 7Page - Texas Instruments VFC110AG2 Datasheet HTML 8Page - Texas Instruments VFC110AG2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VFC110
SBVS021A − OCTOBER 1988 − REVISED APRIL 2007
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply Voltages (+VS to −VS)
40V
. . . . . . . . . . . . . . . . . . . . .
fOUT Sink Current
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Comparator In Voltage
−5V to +VS
. . . . . . . . . . . . . . . . . . . . . . . . . .
Enable Input
+VS to −VS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Integrator Common-Mode Voltage
−1.5V to +1.5V
. . . . . . . . . . . . .
Integrator Differential Input Voltage
+0.5V to −0.5V
. . . . . . . . . . . . .
Integrator Out (short-circuit)
Indefinite
. . . . . . . . . . . . . . . . . . . . . . .
VREF Out (short-circuit)
Indefinite
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
P Package
−40
°C to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
P Package
−40
°C to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
SPECIFIED TEMPERATURE
RANGE
VFC110AP
14-Pin Plastic DIP
N
−25
°C to +85°C
(1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
PIN CONFIGURATION
Top View
P-DIP
Input Common
Analog Common
V
OUT
Comparator In
+V
S
NC
f
OUT
Enable
Digital Ground
1
2
3
4
5
6
7
14
13
12
11
10
9
8
I
IN
V
IN
+5V
REF Out
−V
S
C
OS


Similar Part No. - VFC110AG2

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC110AG BURR-BROWN-VFC110AG Datasheet
98Kb / 8P
   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
More results

Similar Description - VFC110AG2

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC110 BURR-BROWN-VFC110 Datasheet
98Kb / 8P
   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
List of Unclassifed Man...
SSM2031 ETC-SSM2031 Datasheet
56Kb / 1P
   HIGH FREQUENCY OSCILLATER/VOLTAGE TO FREQUENCY CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com