Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8204 Datasheet(PDF) 5 Page - 3M Electronics

Part # 8204
Description  SC & FC/PC3 Pull-Proof Fiber Optic Connectors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8204 Datasheet(HTML) 5 Page - 3M Electronics

  8204 Datasheet HTML 1Page - 3M Electronics 8204 Datasheet HTML 2Page - 3M Electronics 8204 Datasheet HTML 3Page - 3M Electronics 8204 Datasheet HTML 4Page - 3M Electronics 8204 Datasheet HTML 5Page - 3M Electronics 8204 Datasheet HTML 6Page - 3M Electronics 8204 Datasheet HTML 7Page - 3M Electronics 8204 Datasheet HTML 8Page - 3M Electronics 8204 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
Fig. B1
SECTION B
Jacketed Cable Preparation
This section is for mounting the 3M brand SC and FC/PC3 field-
mountable connectors on 2.4 mm cable and 3.0 mm cable.
The process for mounting on 900
ϑm buffered fiber can be found in
Section H.
1.
TURN THE OVEN ON
When the oven is heated to the proper temperature the heater
light will go off.
2.
ASSEMBLE THE CURING STAND ACCORDING TO FIGURE B11
3.
PREPARE CONTAINERS AS LABELED
a. Fill one bottle with isopropyl alcohol (reagent grade).
b. Fill one bottle with water.
Note:
Carefully follow safety, health and disposal information on
container label or Material Safety Data sheet for isopropyl
alcohol being used.
4.
PREPARE THE CRIMP TOOL
Included in the field termination kit is a crimp tool set. The package
includes a base tool and three die sets to be used as follows:
Die Marking
Cavity Marking
Application
BIC/ST
.151
ST* Bayonet, FC-1 & Biconic
.213
TECS 200/230 connector
.178
Not used
SC / FC3
.120
2.4 mm Jacketed Cable
.137
3.0 mm Jacketed Cable
.190
Kevlar crimp
PPST (Push-Pull ST)
.120
2.4 mm Jacketed Cable
.137
3.0 mm Jacketed Cable
.226
Kevlar crimp
Select the jaw labeled "SC/FC3." Secure the jaws loosely with the
thumb screws. Close the jaws to the fully closed position allowing
the jaws to align, then tighten the screws (Fig. B1).


Similar Part No. - 8204

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8204030 FIBOX-8204030 Datasheet
48Kb / 1P
   Mounting plate, for enclosures
26.07.2023
logo
Wurth Elektronik GmbH &...
820411311 WURTH-820411311 Datasheet
153Kb / 6P
   HIGH SURGE VARISTOR DISC
logo
List of Unclassifed Man...
820412001 ETC2-820412001 Datasheet
148Kb / 4P
   Disk Varistor HighSurge WE-VD
logo
Wurth Elektronik GmbH &...
820412001 WURTH-820412001 Datasheet
1Mb / 7P
   WE-VD Disk Varistor
006.003
820412511 WURTH-820412511 Datasheet
153Kb / 6P
   HIGH SURGE VARISTOR DISC
More results

Similar Description - 8204

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
Hirose Electric
HRFC-P8-H2 HIROSE-HRFC-P8-H2 Datasheet
340Kb / 8P
   FC Type Fiber Optic Connectors
HRFC HIROSE-HRFC Datasheet
310Kb / 7P
   FC Type Fiber Optic Connectors
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
   SC Type Fiber Optic Connectors
HSC HIROSE-HSC Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
logo
Molex Electronics Ltd.
0885271102 MOLEX10-0885271102 Datasheet
78Kb / 2P
   FC/APC-to-SC/APC, Singlemode, Standard Fiber Optic Cable Assembly
logo
List of Unclassifed Man...
DK-2622-01 ETC2-DK-2622-01 Datasheet
718Kb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, SC / SC
logo
Agilent(Hewlett-Packard...
HFBR-0400 HP-HFBR-0400 Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
logo
Molex Electronics Ltd.
88527-1899 MOLEX11-88527-1899 Datasheet
27Kb / 1P
   FC-to-SC, Multimode, 62.5/125m, Simplex, 0.90mm, Standard Fiber Optic Cable Assembly, 0.5m
88527-6305 MOLEX11-88527-6305 Datasheet
27Kb / 1P
   FC-to-SC, Multimode, 62.5/125m, Duplex, 3.00mm, Standard Fiber Optic Cable Assembly, 30.0m
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com