Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5M1270ZT144A5N Datasheet(PDF) 1 Page - Altera Corporation

Part # 5M1270ZT144A5N
Description  3. DC and Switching Characteristics for MAX V Devices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5M1270ZT144A5N Datasheet(HTML) 1 Page - Altera Corporation

  5M1270ZT144A5N Datasheet HTML 1Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 2Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 3Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 4Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 5Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 6Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 7Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 8Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MAX V Device Handbook
May 2011
MV51003-1.2
Subscribe
© 2011 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX are Reg. U.S. Pat. & Tm. Off.
and/or trademarks of Altera Corporation in the U.S. and other countries. All other trademarks and service marks are the property of their respective holders as described at
www.altera.com/common/legal.html. Altera warrants performance of its semiconductor products to current specifications in accordance with Altera’s standard warranty, but
reserves the right to make changes to any products and services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any
information, product, or service described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device
specifications before relying on any published information and before placing orders for products or services.
3. DC and Switching Characteristics for
MAX V Devices
This chapter covers the electrical and switching characteristics for MAX® V devices.
Electrical characteristics include operating conditions and power consumptions. This
chapter also describes the timing model and specifications.
You must consider the recommended DC and switching conditions described in this
chapter to maintain the highest possible performance and reliability of the MAX V
devices.
This chapter contains the following sections:
“Operating Conditions” on page 3–1
“Power Consumption” on page 3–10
“Timing Model and Specifications” on page 3–10
Operating Conditions
Table 3–1 through Table 3–15 on page 3–9 list information about absolute maximum
ratings, recommended operating conditions, DC electrical characteristics, and other
specifications for MAX V devices.
Absolute Maximum Ratings
Table 3–1 lists the absolute maximum ratings for the MAX V device family.
Table 3–1. Absolute Maximum Ratings for MAX V Devices (Note 1), (2)
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCINT
Internal supply voltage
With respect to ground
–0.5
2.4
V
VCCIO
I/O supply voltage
–0.5
4.6
V
VI
DC input voltage
–0.5
4.6
V
IOUT
DC output current, per pin
–25
25
mA
TSTG
Storage temperature
No bias
–65
150
°C
TAMB
Ambient temperature
Under bias (3)
–65
135
°C
TJ
Junction temperature
TQFP and BGA packages
under bias
135
°C
Notes to Table 3–1:
(1) For more information, refer to the Operating Requirements for Altera Devices Data Sheet.
(2) Conditions beyond those listed in Table 3–1 may cause permanent damage to a device. Additionally, device operation at the absolute maximum
ratings for extended periods of time may have adverse affects on the device.
(3) For more information about “under bias” conditions, refer to Table 3–2.
May 2011
MV51003-1.2


Similar Part No. - 5M1270ZT144A5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M1270ZT144C5N ALTERA-5M1270ZT144C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
More results

Similar Description - 5M1270ZT144A5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M240ZT100C4N ALTERA-5M240ZT100C4N Datasheet
488Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M240ZT100C5N ALTERA-5M240ZT100C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M80ZT100A5N ALTERA-5M80ZT100A5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M2210ZF256C5N ALTERA-5M2210ZF256C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M160ZE64C5N ALTERA-5M160ZE64C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M570ZT144I5N ALTERA-5M570ZT144I5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M570ZT144C5N ALTERA-5M570ZT144C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M40ZE64C5N ALTERA-5M40ZE64C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M240ZM68I5N ALTERA-5M240ZM68I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M240ZM100C5N ALTERA-5M240ZM100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com