Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F011-436 Datasheet(PDF) 4 Page - Eichhoff Electronics,Inc.

Part # F011-436
Description  Funk-Entst철rfilter im runden Metallgeh채use mit Gewindezapfen
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

F011-436 Datasheet(HTML) 4 Page - Eichhoff Electronics,Inc.

  F011-436 Datasheet HTML 1Page - Eichhoff Electronics,Inc. F011-436 Datasheet HTML 2Page - Eichhoff Electronics,Inc. F011-436 Datasheet HTML 3Page - Eichhoff Electronics,Inc. F011-436 Datasheet HTML 4Page - Eichhoff Electronics,Inc. F011-436 Datasheet HTML 5Page - Eichhoff Electronics,Inc. F011-436 Datasheet HTML 6Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Rated voltage:
AC 110/250 V 50/60 Hz
Capacitance tolerance:
±20%
Capacitor class:
X1Y2
Inductance tolerance:
- 30% / + 50%
Discharge resistor
680 K
Encapsulation:
metal can with threaded stud
Climatic category:
25/100/21-C to IEC 60068-1
Connections:
Fig. I : copper wire H07V-K 2.5 mm2
Fig. II : copper wire H07V-K 2.5 mm2
complete with connectors 6.3
Fig. III: fastons 6.3 x 0.8 mm
Tension nominale:
c.a. 110/250 V 50/60 Hz
Tolérances des capacités:
± 20%
Classes des condensateurs: X1Y2
Tolérances des inductances: –30% / +50%
Résistance de décharge:
680 K
Boîtier:
boîtier métallique avec vis
Catégorie climatique
25/100/21-C selon IEC 60068-1
Connexions:
ill. I : fil cuivre H07V-K 2,5 mm2
ill. II : fil cuivre H07V-K 2,5 mm2
connfectionné avec
conecteurs 6,3
ill. III: cosses plattes 6,3 x 0,8 mm
Einfügungsdämpfung (Richtwerte), Messung im 50:-System
Insertion loss (approx. values), measured in 50:-system
Affaiblissement d’insertion (valeurs indicatives), Mesurage dans le circuit 50:
F011-126/032, F011-126/036
F011-126/059
F011-126/073, F011-126/436
F011-126/459
F011-126/063, F011-126/336
F011-126/359
unsymmetrische Messung, Abschluss des Nachbarzweiges
Non-symmetric measurement
Mesurage non-symétrique
asymmetrische Messung, beide Zweige parallel (common mode)
Asymmetric measurement (common mode)
Mesurage asymétrique (common mode)
symmetrische Messung (differential mode)
symmetric measurement (differential mode)
Mesurage symétrique (differential mode)
·
-
EN 60939-2
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
Prüfzeichen:
Approvals:
max. 85°C
Homologations:
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀


Similar Part No. - F011-436

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F011-000 EICHHOFF-F011-000 Datasheet
96Kb / 2P
   Funk-Entst철rfilter im ovalen oder rechteckigen Metallgeh채use
F011-051 EICHHOFF-F011-051 Datasheet
96Kb / 2P
   Funk-Entst철rfilter im ovalen oder rechteckigen Metallgeh채use
F011-052 EICHHOFF-F011-052 Datasheet
96Kb / 2P
   Funk-Entst철rfilter im ovalen oder rechteckigen Metallgeh채use
F011-106 EICHHOFF-F011-106 Datasheet
165Kb / 4P
   Funk-Entst철rfilter f체r 3 Phasen Radio-Interference Suppression Filters
F011-110 EICHHOFF-F011-110 Datasheet
165Kb / 4P
   Funk-Entst철rfilter f체r 3 Phasen Radio-Interference Suppression Filters
More results

Similar Description - F011-436

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F011-171 EICHHOFF-F011-171 Datasheet
89Kb / 2P
   Funk-Entst철rfilter im runden Metallgeh채use Radio-Interference Suppression Filters
F011-180 EICHHOFF-F011-180 Datasheet
96Kb / 2P
   Funk-Entst철rfilter im ovalen oder rechteckigen Metallgeh채use
F012-013 EICHHOFF-F012-013 Datasheet
97Kb / 2P
   Funk-Entst철rfilter f체r Printmontage im Kunststoffgeh채use und Metallgeh채use
F012-000 EICHHOFF-F012-000 Datasheet
258Kb / 4P
   Funk-Entst철rfilter im ovalen Metallgeh채use Radio-Interference Suppression Filters
F012-401 EICHHOFF-F012-401 Datasheet
107Kb / 2P
   Funk-Entst철rfilter im rechteckigen Kunststoffgeh채use
F023-041 EICHHOFF-F023-041 Datasheet
127Kb / 2P
   Funk-Entst철rfilter mit Kaltger채testecker nach IEC
F022-381 EICHHOFF-F022-381 Datasheet
221Kb / 4P
   Funk-Entst철rfilter mit Kaltger채testecker nach IEC Radio-Interference
F033-001 EICHHOFF-F033-001 Datasheet
231Kb / 4P
   Funk-Entst철rfilter im rechteckigen Metallgehause Radio-Interference Suppression Filter
F022-760 EICHHOFF-F022-760 Datasheet
75Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Funk-Entst철rfilter f체r Frequenzumrichter
F022-299 EICHHOFF-F022-299 Datasheet
199Kb / 8P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com