Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRR1210-471M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR1210-471M
Description  Available in E12 series, Height of 10 mm, Current rating up to 11 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR1210-471M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR1210-471M Datasheet HTML 1Page - Bourns Electronic Solutions SRR1210-471M Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7.3
(.287)
5.3
(.209)
REF.
REF.
REF.
2.8
(.110)
REF.
2.8
(.110)
Features
Available in E12 series
Height of 10 mm
Current rating up to 11 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
SRR1210 Series - Shielded SMD Power Inductors
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Test Voltage ................... 0.25 volt/1 KHz
Reflow Soldering ... 230 °C, 50 sec max.
Operating Temperature
............................... -40 °C to +125 °C
(Temperature rise included)
Storage Temperature
............................... -40 °C to +125 °C
Resistance to Soldering Heat
.................................260 °C for 5 sec.
Electrical Characteristics
Bourns Part No.
Inductance 100 KHz
Q
Ref.
Test
Frequency
(MHz)
SRF
MHz
Typ.
DCR
max.
(m
Ω)
I rms
(A)
I sat
(A)
uH
Tol. %
SRR1210-1R0Y
1.0
±30
10
7.96
85
6.0
11.0
16.5
SRR1210-1R8Y
1.8
±30
10
7.96
56
7.5
10.2
13.2
SRR1210-2R2Y
2.2
±30
10
7.96
54
9.0
9.5
12.2
SRR1210-3R3Y
3.3
±30
15
7.96
44
10
9.0
10.5
SRR1210-4R7Y
4.7
±30
8
7.96
35
12
8.5
9.6
SRR1210-5R6Y
5.6
±30
12
7.96
28
14
8.0
8.5
SRR1210-6R8Y
6.8
±30
12
7.96
20
15
7.9
8.3
SRR1210-8R2Y
8.2
±30
11
7.96
16
17
7.3
7.5
SRR1210-100M
10
±20
16
2.52
12
18
6.5
6.5
SRR1210-120M
12
±20
14
2.52
18
22
6.3
6.1
SRR1210-150M
15
±20
16
2.52
10.5
32
5.8
5.3
SRR1210-180M
18
±20
13
2.52
8.0
35
5.5
5.1
SRR1210-220M
22
±20
16
2.52
8.0
38
5.2
4.5
SRR1210-270M
27
±20
16
2.52
6.5
40
5.0
4.2
SRR1210-330M
33
±20
16
2.52
6.5
52
4.4
3.7
SRR1210-390M
39
±20
16
2.52
4.5
66
4.2
3.5
SRR1210-470M
47
±20
16
2.52
4.5
72
3.8
3.1
SRR1210-560M
56
±20
8
2.52
4.0
90
3.4
2.9
SRR1210-680M
68
±20
12
2.52
3.8
102
3.0
2.7
SRR1210-820M
82
±20
15
2.52
3.5
112
2.8
2.5
SRR1210-101M
100
±20
16
0.796
3.0
135
2.5
2.2
SRR1210-121M
120
±20
13
0.796
2.6
170
2.3
1.9
SRR1210-151M
150
±20
12
0.796
2.2
190
2.2
1.8
SRR1210-181M
180
±20
14
0.796
1.8
250
1.9
1.6
SRR1210-221M
220
±20
15
0.796
1.8
315
1.7
1.5
SRR1210-271M
270
±20
16
0.796
1.8
410
1.5
1.3
SRR1210-331M
330
±20
14
0.796
1.8
450
1.4
1.2
SRR1210-391M
390
±20
16
0.796
1.3
600
1.3
1.1
SRR1210-471M
470
±20
12
0.796
0.85
820
1.2
1.0
SRR1210-561M
560
±20
12
0.796
0.85
900
1.1
0.95
SRR1210-681M
680
±20
11
0.796
0.85
1200
1.0
0.85
SRR1210-821M
820
±20
6
0.796
0.85
1320
0.85
0.75
SRR1210-102M
1000
±20
22
0.796
0.85
1650
0.75
0.70
General Specifications
Core................................ Ferrite DR & RI
Wire ........................... Enameled copper
Terminal coating ...................... Matte Sn
Rated Current
..............Ind. drop of 20 % typ. at Isat
Temperature Rise .. 40 °C typical at Irms
Packaging.................... 250 pcs. per reel
Materials
Product Dimensions
1R0
12.0 ± 0.5
(.472 ± .020)
12.0 ± 0.5
(.472 ± .020)
4.9
(.193)
INDUCTANCE
CODE
10.0
(.394)
MAX.
REF.
REF.
7.9
(.311)
Recommended Layout
Schematic
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SRR1210-471M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1210-471M BOURNS-SRR1210-471M Datasheet
430Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRR1210-471M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL10E-05W3V3 EMERSON-NETWORKPOWER-SIL10E-05W3V3 Datasheet
622Kb / 4P
   10 A Current rating
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
   10 A output current rating
logo
Ohmite Mfg. Co.
AW56GKE OHMITE-AW56GKE Datasheet
100Kb / 1P
   PulsEater Ceramic Composition Available in E12 Ohmic values
AZ101KE OHMITE-AZ101KE Datasheet
152Kb / 1P
   PulsEater Ceramic Composition Available in E12 Ohmic values
logo
PHOENIX CONTACT
REL-MR-110DC PHOENIX-REL-MR-110DC Datasheet
111Kb / 5P
   Switching current of up to 16 A
logo
Amphenol Corporation
C-L17DM53744207 AMPHENOL-C-L17DM53744207 Datasheet
138Kb / 1P
   current rating-10 to 20a
C-L17DM53744207C309 AMPHENOL-C-L17DM53744207C309 Datasheet
106Kb / 1P
   current rating-10 to 20a
logo
Accetek Electronics (Sh...
1MC ACCETEK-1MC Datasheet
285Kb / 5P
   Saturation current rating up to 15.3 Amps
logo
Pulse A Technitrol Comp...
PE-53653NLT PULSE-PE-53653NLT Datasheet
181Kb / 2P
   Fifteen package sizes, Current Rating: up to 23.8ADC, Frequency Range: up to 1MHz
logo
AVX Corporation
008290010000011 AVX-008290010000011 Datasheet
48Kb / 2P
   Available in industry standard sizes of 10-64 positions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com