Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F022-025-420 Datasheet(PDF) 6 Page - Eichhoff Electronics,Inc.

Part # F022-025-420
Description  Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

F022-025-420 Datasheet(HTML) 6 Page - Eichhoff Electronics,Inc.

  F022-025-420 Datasheet HTML 1Page - Eichhoff Electronics,Inc. F022-025-420 Datasheet HTML 2Page - Eichhoff Electronics,Inc. F022-025-420 Datasheet HTML 3Page - Eichhoff Electronics,Inc. F022-025-420 Datasheet HTML 4Page - Eichhoff Electronics,Inc. F022-025-420 Datasheet HTML 5Page - Eichhoff Electronics,Inc. F022-025-420 Datasheet HTML 6Page - Eichhoff Electronics,Inc. F022-025-420 Datasheet HTML 7Page - Eichhoff Electronics,Inc. F022-025-420 Datasheet HTML 8Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Nennspannung:
3/PE AC 440 V 50/60 Hz
max. zul. Betriebsspannung: = Nennspannung
Kapazitätsabweichung:
± 20 %
Kondensatorenklasse:
X2, Y2
Drosselausführung:
stromkompensierte Ringkerndrossel
Induktivitätsabweichungen:
-30% / -50%
Entladewiderstand:
5 A, 10 A
= 3 x 680 K
16 A - 150 A = 3 x 680 K + 3 x 680 K
Gehäuse:
Metallgehäuse mit Deckel und Lasche
Klimakategorie:
25/085/21-C nach IEC 60068-1
Anschlüsse:
berührungssichere Klemmen
PE-Anschluss: Schraube
(5 A = M 4 - 150 A = M 8)
Tension nominale:
3/PE AC 440 V 50/60 Hz
Tension de service
admissible max:
= tension nominale
Tolérance des capacités:
±20%
Classes des condensateurs: X2, Y2
Exécution de la self:
noyau toroîdal à courant compensé
Tolérances des inductances: -30% / -50%
Résistance de décharge:
5 A,
10 A = 3 x 680 K
16 A - 150 A = 3 x 680 K + 3 x 680 K
Boîtier:
boîtier métallique avec couvercle et pattes
Catégorie climatique:
25/085/21-C selon IEC 60068-1
bornes protégées
Connexions:
connexion PE: vis
(5 A = M 4 - 150 A = M 8)
Rated voltage:
3/PE AC 440 V 50/60 Hz
max. admissible operating
voltage:
= rated voltage
Capacitance tolerance:
± 20 %
Capacitor class:
X2, Y2
Choke type:
current compensated ring core
Inductance tolerance:
-30% / -50%
Discharge resistor:
5 A, 10 A = 3 x 680 K
16 A -150 A = 3 x 680 K + 3 x 680 K
Encapsulation:
metal case with cover and lug
Climatic category:
25/085/21-C to IEC 60068-1
Connections:
touch-proof terminal blocks
PE-connection: screw
(5 A = M 4 - 150 A = M 8)
unsymmetrische Messung, Abschluss des Nachbarzweiges
Non-symmetric measurement
Mesurage non-symétrique
asymmetrische Messung, beide Zweige parallel (common mode)
Asymmetric measurement (common mode)
Mesurage asymétrique (common mode)
symmetrische Messung (differential mode)
symmetric measurement (differential mode)
Mesurage symétrique (differential mode)
·
Einfügungsdämpfung (Richtwerte) Messung im 50:-System
Insertion loss (approx. values), measured in 50:-system
Affaiblissement d’insertion (valeurs indicatives) Mesurage dans le circuit 50:


Similar Part No. - F022-025-420

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F022-020-420 EICHHOFF-F022-020-420 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
F022-022-420 EICHHOFF-F022-022-420 Datasheet
150Kb / 4P
   Funk-Entst철rfilter f체r Frequenzumrichter in Footprint-Ausf체hrung
More results

Similar Description - F022-025-420

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F022-730 EICHHOFF-F022-730 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
F022-760 EICHHOFF-F022-760 Datasheet
75Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Funk-Entst철rfilter f체r Frequenzumrichter
F011-227 EICHHOFF-F011-227 Datasheet
165Kb / 4P
   Funk-Entst철rfilter f체r 3 Phasen Radio-Interference Suppression Filters
F022-755 EICHHOFF-F022-755 Datasheet
150Kb / 4P
   Funk-Entst철rfilter f체r Frequenzumrichter in Footprint-Ausf체hrung
F022-381 EICHHOFF-F022-381 Datasheet
221Kb / 4P
   Funk-Entst철rfilter mit Kaltger채testecker nach IEC Radio-Interference
F011-171 EICHHOFF-F011-171 Datasheet
89Kb / 2P
   Funk-Entst철rfilter im runden Metallgeh채use Radio-Interference Suppression Filters
F012-000 EICHHOFF-F012-000 Datasheet
258Kb / 4P
   Funk-Entst철rfilter im ovalen Metallgeh채use Radio-Interference Suppression Filters
F033-001 EICHHOFF-F033-001 Datasheet
231Kb / 4P
   Funk-Entst철rfilter im rechteckigen Metallgehause Radio-Interference Suppression Filter
F033-353 EICHHOFF-F033-353 Datasheet
110Kb / 2P
   Funk-Entst철rfilter fur 3 Phasen Radio-Interference Suppression Filters
F012-013 EICHHOFF-F012-013 Datasheet
97Kb / 2P
   Funk-Entst철rfilter f체r Printmontage im Kunststoffgeh채use und Metallgeh채use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com