Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4501AGM Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP4501AGM
Description  Simple Drive Requirement, Fast Switching Performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4501AGM Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP4501AGM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4501AGM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4501AGM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4501AGM Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4501AGM Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4501AGM Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4501AGM Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP4501AGM
P-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-30
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-5.3A
-
-
50
mΩ
VGS=-4.5V, ID=-4.2A
-
-
90
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-5A
-
5
-
S
IDSS
Drain-Source Leakage Current
VDS=-30V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=70
oC) V
DS=-24V, VGS=0V
-
-
-25
uA
IGSS
Gate-Source Leakage
VGS=+20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
2
ID=-5A
-
8
13
nC
Qgs
Gate-Source Charge
VDS=-15V
-
1.7
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
4.5
-
nC
td(on)
Turn-on Delay Time
2
VDS=-15V
-
6.7
-
ns
tr
Rise Time
ID=-1A
-
10
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=-10V
-
21
-
ns
tf
Fall Time
RD=15Ω
-10
-
ns
Ciss
Input Capacitance
VGS=0V
-
595
950
pF
Coss
Output Capacitance
VDS=-25V
-
80
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
75
-
pF
Rg
Gate Resistance
f=1.0MHz
-
10
-
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=-2.6A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
IS=-5A, VGS=0V,
-
18
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
11
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
3.Surface mounted on 1 in
2 copper pad of FR4 board ; 135 ℃/W when mounted on Min. copper pad.
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
3


Similar Part No. - AP4501AGM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4501AGM-HF A-POWER-AP4501AGM-HF Datasheet
125Kb / 7P
   Simple Drive Requirement, Low On-resistance
logo
VBsemi Electronics Co.,...
AP4501AGM-HF VBSEMI-AP4501AGM-HF Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AP4501AGM-HF DOINGTER-AP4501AGM-HF Datasheet
1Mb / 8P
   P-Chanel and N-Channel MOSFET use advanced trench technology
logo
Advanced Power Electron...
AP4501AGM-HF A-POWER-AP4501AGM-HF_14 Datasheet
125Kb / 7P
   Simple Drive Requirement
AP4501AGM-HF A-POWER-AP4501AGM-HF_16 Datasheet
130Kb / 8P
   Simple Drive Requirement
More results

Similar Description - AP4501AGM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4503AGM-HF A-POWER-AP4503AGM-HF Datasheet
89Kb / 7P
   Simple Drive Requirement, Fast Switching Performance
AP4528GM A-POWER-AP4528GM Datasheet
211Kb / 8P
   Simple Drive Requirement, Fast Switching Performance
AP4531GM A-POWER-AP4531GM Datasheet
211Kb / 8P
   Simple Drive Requirement, Fast Switching Performance
AP4530GM A-POWER-AP4530GM Datasheet
212Kb / 8P
   Simple Drive Requirement, Fast Switching Performance
AP6906GH-HF A-POWER-AP6906GH-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Fast Switching Performance
AP4521GEM A-POWER-AP4521GEM Datasheet
120Kb / 7P
   Simple Drive Requirement, Fast Switching Performance
AP4543GEM-HF A-POWER-AP4543GEM-HF Datasheet
124Kb / 7P
   Simple Drive Requirement, Fast Switching Performance
AP4543GMT-HF A-POWER-AP4543GMT-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Good Thermal Performance, Fast Switching Performance
AP4951GM-HF A-POWER-AP4951GM-HF Datasheet
102Kb / 4P
   Simple Drive Requirement, Low Gate Charge, Fast Switching Performance
AP4425GM A-POWER-AP4425GM Datasheet
203Kb / 5P
   Simple Drive Requirement, Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com