Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CM34-X1000 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CM34-X1000
Description  Precision Optical Performance Blue and Green
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM34-X1000 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CM34-X1000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM34-X1000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM34-X1000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM34-X1000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM34-X1000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM34-X1000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM34-X1000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM34-X1000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM34-X1000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image

Absolute Maximum Rating �TA = 25�C�
�C�
C�
Parameters
Value
Unit
DC forward current [1]
30
mA
Peak pulsed forward current [2]
100
mA
Power dissipation
116
mW
LED junction temperature
110
°C
Operating temperature range
-40 to +85
°C
Storage temperature range
-40 to +100
°C
Notes:
1. Derate linearly as shown in figure 2.
2. Duty factor 10%, frequency 1KHz.
Electrical/Optical Characteristics �TA = 25C�
Parameters
Symbol
Blue and Green
Units
Test Condition
Min
Typ
Max
Forward Voltage
VF
2.8
3.2
3.8
V
IF = 20 mA
Reverse Voltage[1]
VR
5.0
V
IR = 10 µA
Thermal resistance
J-PIN
240
°C/W
LED Junction to cathode lead
Dominant wavelength [2]
Blue
Green
λd
460
520
470
525
480
540
nm
IF = 20 mA
Peak wavelength
Blue
Green
λPEAK
464
516
nm
Peak of wavelength of spectral distribu-
tion at IF = 20 mA
Spectral half width
Blue
Green
1/2
22
35
Wavelength width at spectral distribu-
tion 1/2 power point at IF = 20 mA
Luminous Efficacy [3]
Blue
Green
ηv
78
545
lm/W
Emitted luminous power/Emitted
radiant power
Luminous Flux
Blue
Blue
Green
Green
φV
830
3500
mlm
If = 20mA
Luminous Efficiency[4]
Blue
Blue
Green
Green
ηe
13
56
lm/W
Luminous Flux/Electrical Power at IF =
20mA
Notes:
1. The reverse voltage of the product is equivalent to the forward voltage of the protective chip at IR = 10 µA
2. The dominant wavelength λd is derived from the Chromaticy Diagram and represents the color pf the lamp.
3. The radiant intensity, Ie in watts/steradian, may be found from the equation Ie = Iv/ηv, where Iv is the luminous intensity in candelas and ηv is the
luminous efficacy in lumens/watt.
4. ηe = φV / IF x VF where φV is the emitted luminous flux, IF is electrical forward current and VF is the forward voltage.


Similar Part No. - HLMP-CM34-X1000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM34-X10DD AVAGO-HLMP-CM34-X10DD Datasheet
626Kb / 10P
   Precision Optical Performance Blue and Green
More results

Similar Description - HLMP-CM34-X1000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB13-UX0DD AVAGO-HLMP-CB13-UX0DD Datasheet
626Kb / 10P
   Precision Optical Performance Blue and Green
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-LM65 AVAGO-HLMP-LM65 Datasheet
252Kb / 10P
   Precision Optical Performance Green and Blue New 4mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com