Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4027BCN Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # CD4027BCN
Description  Dual J-K Master/Slave Flip-Flop with Set and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4027BCN Datasheet(HTML) 4 Page - Fairchild Semiconductor

  CD4027BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4027BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4027BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4027BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4027BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4027BCN Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 8)
TA = 25°C, CL = 50 pF, trCL = tfCL = 20 ns, unless otherwise specified
Note 8: AC Parameters are guaranteed by DC correlated testing.
Note 9: CPD determines the no load AC power consumption of any CMOS device. For complete explanation, see 74C Family Characteristics application
note, AN-90.
Typical Applications
Ripple Binary Counters
Shift Registers
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL or tPLH
Propagation Delay Time
VDD = 5V
200
400
ns
from Clock to Q or Q
VDD = 10V
80
160
VDD = 15V
65
130
tPHL or tPLH
Propagation Delay Time
VDD = 5V
170
340
ns
from Set to Q or Reset to Q
VDD = 10V
70
140
VDD = 15V
55
110
tPHL or tPLH
Propagation Delay Time
VDD = 5V
110
220
ns
from Set to Q or
VDD = 10V
50
100
Reset to Q
VDD = 15V
40
80
tS
Minimum Data Setup Time
VDD = 5V
135
270
ns
VDD = 10V
55
110
VDD = 15V
45
90
tTHL or tTLH
Transition Time
VDD = 5V
100
200
ns
VDD = 10V
50
100
VDD = 15V
40
80
fCL
Maximum Clock Frequency
VDD = 5V
2.5
5
MHz
(Toggle Mode)
VDD = 10V
6.2
12.5
VDD = 15V
7.6
15.5
trCL or tfCL
Maximum Clock Rise
VDD = 5V
15
µs
and Fall Time
VDD = 10V
10
VDD = 15V
5
tW
Minimum Clock Pulse
VDD = 5V
100
200
ns
Width (tWH = tWL)VDD = 10V
40
80
VDD = 15V
32
65
tWH
Minimum Set and
VDD = 5V
80
160
ns
Reset Pulse Width
VDD = 10V
30
60
VDD = 15V
25
50
CIN
Average Input Capacitance
Any Input
5
7.5
pF
CPD
Power Dissipation Capacity
Per Flip-Flop
35
pF
(Note 9)


Similar Part No. - CD4027BCN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4027BC NSC-CD4027BC Datasheet
125Kb / 6P
   Dual J-K Master/Slave Flip-Flop with Set and Reset
More results

Similar Description - CD4027BCN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4027BM NSC-CD4027BM Datasheet
125Kb / 6P
   Dual J-K Master/Slave Flip-Flop with Set and Reset
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP Datasheet
270Kb / 7P
   DUAL J-K MASTER-SLAVE FLIP FLOP
logo
Micro Electronics
MMC4027 MICRO-ELECTRONICS-MMC4027 Datasheet
113Kb / 4P
   DUAL J-K MASTER SLAVE FLIP FLOP
logo
ON Semiconductor
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
   Dual J-K Master-Slave Flip-Flop
REV 6
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
   Dual J-K Master-Slave Flip-Flop
1996 REV 5
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP_07 Datasheet
329Kb / 9P
   Dual J-K Master-Slave Flip Flop
logo
STMicroelectronics
HCF4027B STMICROELECTRONICS-HCF4027B_02 Datasheet
218Kb / 9P
   DUAL J-K MASTER SLAVE FLIP-FLOP
HCC4027B STMICROELECTRONICS-HCC4027B Datasheet
286Kb / 12P
   DUAL-J-K MASTER-SLAVE FLIP-FLOP
logo
Integral Corp.
IN74ACT112 INTEGRAL-IN74ACT112 Datasheet
202Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com