Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4835GMT-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP4835GMT-HF
Description  Simple Drive Requirement, SO-8 Compatible
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4835GMT-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP4835GMT-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4835GMT-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4835GMT-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4835GMT-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP4835GMT-HF
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0
20
40
60
80
100
02
46
8
10
-V DS , Drain-to-Source Voltage (V)
-10V
-7.0V
-6.0V
-5.0V
V G =-4.0V
T C =25
o C
0
20
40
60
80
02
46
8
10
-V DS , Drain-to-Source Voltage (V)
T C =150
o C
-10V
-7.0V
-6.0V
-5.0V
V G =-4.0V
16
20
24
28
32
36
40
24
68
10
-V GS , Gate-to-Source Voltage (V)
I D =-10A
T C =25
o C
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =-15A
V G =-10V
0.4
0.6
0.8
1.0
1.2
1.4
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
4
8
12
16
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C


Similar Part No. - AP4835GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4835GMT-HF A-POWER-AP4835GMT-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP4835GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2R803GMT-HF A-POWER-AP2R803GMT-HF Datasheet
65Kb / 4P
   Simple Drive Requirement, SO-8 Compatible
AP4455GMT-HF A-POWER-AP4455GMT-HF Datasheet
95Kb / 4P
   Simple Drive Requirement, SO-8 Compatible
AP83T03GMT-HF A-POWER-AP83T03GMT-HF Datasheet
63Kb / 4P
   Simple Drive Requirement, SO-8 Compatible
AP85U03GMT-HF A-POWER-AP85U03GMT-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, SO-8 Compatible
AP95U03GMT-HF A-POWER-AP95U03GMT-HF Datasheet
63Kb / 4P
   Simple Drive Requirement, SO-8 Compatible
AP0803GMT-HF A-POWER-AP0803GMT-HF Datasheet
160Kb / 5P
   Simple Drive Requirement, SO-8 Compatible
AP4439GMT-HF A-POWER-AP4439GMT-HF Datasheet
103Kb / 4P
   Simple Drive Requirement, SO-8 Compatible
AP0203GMT-HF A-POWER-AP0203GMT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement SO-8 Compatible with Heatsink
AP73T03GMT-HF A-POWER-AP73T03GMT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP92U03GMT-HF A-POWER-AP92U03GMT-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com