Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFM0J102 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUFM0J102
Description  Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFM0J102 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUFM0J102 Datasheet HTML 1Page - Panasonic Semiconductor EEUFM0J102 Datasheet HTML 2Page - Panasonic Semiconductor EEUFM0J102 Datasheet HTML 3Page - Panasonic Semiconductor EEUFM0J102 Datasheet HTML 4Page - Panasonic Semiconductor EEUFM0J102 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 EE79 
Aluminum Electrolytic Capacitors/ FM
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
-40 to + 105
°C
6.3 to 50 V .DC
22 to 6800 µ F
±20 % (120Hz/+20
°C)
Japan
Malaysia
China
Low impedance (40 to 70% less than FC Series)
Endurance : 2000 to 7000 hours at +105
°C
RoHS directive compliant
Radial Lead Type
n
Features
Category temp. range
Rated W.V. Range
Nominal Cap. Range
n
Specifications
DC Leakage Current
Capacitance Tolerance
I < 0.01 CV (µA)
after 2 minutes application of rated working voltage at +20
°C
After following life test with DC voltage and +105±2
°C ripple current value applied (The sum of
DC and ripple peak voltage shall not exceed the rated working voltage), the capacitors shall
meet the limits specified below.
Add 0.02 per 1000µF for products of 1000µF or more.
FM
Series:
Type :
A
W.V.
6.3
10
16
25
35
50
tan
δ 0.22 0.19 0.16 0.14 0.12 0.10
(max.) (120Hz/+20C
°)
tan
δ
Country of Origin
L
L <16:L+1.5max
φd±0.05
14 min
3min
φD+0.5 max
φ10<
φD+0.5 max
φ8>
L >20:L+2.0 max
Sleeve
Vent
n
Dimensions in mm (not to scale)
Body Dia.
φD
Body LengthL
Lead Dia.
φd
Lead space P
0.5
0.5
0.6
0.6
0.6
0.8
0.8
2
2.5
3.5
5.0
5.0
5.0
7.5
5
6.3
8
10
12.5
16
12.5 to 25 30 to 35
(mm)
60
120
1k
10k
100k
6.3 to 50
22 to
33
47 to 330
390 to 1000
1200 to 6800
n
Frequency correction factor for ripple current
W.V.(V.DC)
Capacitance
(µF)
Frequency(Hz)
0.45
0.60
0.65
0.75
0.55
0.70
0.75
0.80
0.75
0.85
0.90
0.95
0.90
0.95
0.98
1.00
1.00
1.00
1.00
1.00
Endurance
Shelf Life
Duration
φ5 to φ6.3: 2000 hours, φ8×11.5 to φ8×15: 3000 hours
φ8×20 to φ10×16: 4000 hours, φ10×20 to φ12.5×20/ φ16×20: 5000 hours
φ12.5×25 to φ12.5×35/ φ16×25: 7000 hours
Capacitance change
tan
δ
DC leakage current
±25% of initial measured value (6.3V to10V:±30%)
<
200 % of initial specified value
<
initial specified value
After storage for 1000 hours at +105±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitor shall meet the limits specified in Endurance.(With voltage treatment)


Similar Part No. - EEUFM0J102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFM0J102 PANASONIC-EEUFM0J102 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEUFM0J102 PANASONIC-EEUFM0J102 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM0J102 PANASONIC-EEUFM0J102 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM0J102 PANASONIC-EEUFM0J102 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM0J102 PANASONIC-EEUFM0J102 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors FM
More results

Similar Description - EEUFM0J102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFS0J221B PANASONIC-EEUFS0J221B Datasheet
77Kb / 4P
   Aluminum Electrolytic Capacitors (Radial Lead Type)
logo
Panasonic Battery Group
EEUED2C220 PANASONICBATTERY-EEUED2C220 Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com