Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12311 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC12311
Description  This section provides a simplified block diagram and highlights MC12311 features
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC12311 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC12311 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
MC12311 Advance Information, Rev. 1.0
Freescale Semiconductor
9
7
PTB5/TPM1CH12
Digital
Input/Output
MCU Port B Bit 5 / TPM1 Channel 1
8
PTB4/TPM2CH12
Digital
Input/Output
MCU Port B Bit 4 / TPM2 Channel 1
9
PTC3/TPM3CH3
Digital
Input/Output
MCU Port C Bit 3 / TPM3 Channel 3
10
PTC2/TPM3CH2
Digital
Input/Output
MCU Port C Bit 2/ TPM3 Channel 2
11
PTC1/TPM3CH1
Digital
Input/Output
MCU Port C Bit 1 / TPM3 Channel 1
12
PTC0/TPM3CH0
Digital
Input/Output
MCU Port C Bit 0 / TPM3 Channel 0
13
PTB3/KBI1P7/
ADP72
Digital
Input/Output /
Analog Input
MCU Port B Bit 3 / KBI1 Input Bit 7 /
ADC Analog Channel 7
14
PTB2/KBI1P6/
ADP62
Digital
Input/Output /
Analog Input
MCU Port B Bit 2 / KBI1 Input Bit 6 /
ADC Analog Channel 6
15
PTB1/KBI1P5/TxD1
/ADP5
Digital
Input/Output /
Analog Input
MCU Port B Bit 1 / KBI1 Input Bit 5 /
SCI1 TxD / ADC Analog Channel 5
16
PTB0/KBI1P4/
RXD1/ADP4
Digital
Input/Output /
Analog Input
MCU Port B Bit 0 / KBI1 Input Bit 4 /
SCI1 RXD / ADC Analog Channel 4
17
PTA7/TPM2CH2/
ADP9
Digital
Input/Output /
Analog Input
MCU Port A Bit 7 / TPM2 Channel 2 /
ADC Analog Channel 9
18
PTA6/TPM1CH2/
ADP8
Digital
Input/Output /
Analog Input
MCU Port A Bit 6 / TPM1 Channel 2 /
ADC Analog Channel 8
19
VDD
Power Input
MCU VDD
Connect to MC12311 VDD supply
20
VSS
Power Input
MCU Ground
Connect to ground
21
PTD4/KBI2P4
Digital
Input/Output
MCU Port D Bit 4 / KBI2 Input Bit 4
22
PTD3/KBI2P3
Digital
Input/Output
MCU Port D Bit 3 / KBI2 Input Bit 3
23
PTD2/KBI2P2
Digital
Input/Output
MCU Port D Bit 2 / KBI2 Input Bit 2
24
PTA3/KBI1P3/
SCL/ADP31
Digital
Input/Output /
Analog Input
MCU Port A Bit 3 / KBI1 Input Bit 3 /
IIC bus clock / ADC Analog Channel 3
Table 1. Pin Function Description (continued)
Pin #
Pin Name
Type
Description
Functionality


Similar Part No. - MC12311

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC12311 NXP-MC12311 Datasheet
737Kb / 40P
   Highly-integrated, cost-effective single-package solution for the sub-1 GHz, Wireless MBUS Standard
Rev. 1.0 11/2011
More results

Similar Description - MC12311

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
ARTIK530 SAMSUNG-ARTIK530 Datasheet
1Mb / 75P
   BLOCK DIAGRAM AND MODULE FEATURES
logo
NXP Semiconductors
SCF5250EC NXP-SCF5250EC Datasheet
1Mb / 56P
   This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
logo
Altera Corporation
EP3C55F780I7 ALTERA-EP3C55F780I7 Datasheet
7Mb / 274P
   This section provides a complete overview of all features relating to the Cyclone III device family
logo
List of Unclassifed Man...
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
logo
Infineon Technologies A...
NGC1081 INFINEON-NGC1081 Datasheet
373Kb / 32P
   This section provides the pin description of NGC1081.
Rev. 1.0 20223-02-16
logo
Freescale Semiconductor...
MPC565MVR56 FREESCALE-MPC565MVR56 Datasheet
290Kb / 16P
   This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
logo
Motorola, Inc
MPC555 MOTOROLA-MPC555 Datasheet
171Kb / 12P
   This document provides an overview of the MPC555 microcontroller, including a block diagram showing the major modular components and sections that lis
logo
Altera Corporation
EP4SE360F35I4 ALTERA-EP4SE360F35I4 Datasheet
10Mb / 432P
   This section provides a complete overview of all features relating to the Stratix IV device family, which is the most architecturlly advanced
logo
STMicroelectronics
UM1695 STMICROELECTRONICS-UM1695 Datasheet
571Kb / 46P
   This document provides a detailed description
logo
TriQuint Semiconductor
TQ5M31K TRIQUINT-TQ5M31K Datasheet
2Mb / 15P
   BLOCK DIAGRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com