Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC547C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BC547C
Description  NPN General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC547C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BC547C Datasheet HTML 1Page - Fairchild Semiconductor BC547C Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = 1.0 mA, IB = 0
45
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, I
E = 0
50
V
V(BR)CES
Collector-Base Breakdown Voltage
IC = 10
µA, I
E = 0
50
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, I
C = 0
6.0
V
ICBO
Collector Cutoff Current
VCB = 30 V, IE = 0
VCB = 30 V, IE = 0, TA = +150
°C
15
5.0
nA
µA
ON CHARACTERISTICS
hFE
DC Current Gain
VCE = 5.0 V, IC = 2.0 mA
547
547A
547B
547C
110
110
200
420
800
220
450
800
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5.0 mA
0.25
0.60
V
V
VBE(on)
Base-Emitter On Voltage
VCE = 5.0 V, IC = 2.0 mA
VCE = 5.0 V, IC = 10 mA
0.58
0.70
0.77
V
V
SMALL SIGNAL CHARACTERISTICS
hfe
Small-Signal Current Gain
IC = 2.0 mA, VCE = 5.0 V,
f = 1.0 kHz
125
900
NF
Noise Figure
VCE = 5.0 V, IC = 200
µA,
RS = 2.0 k
Ω, f = 1.0 kHz,
BW = 200 Hz
10
dB


Similar Part No. - BC547C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC547C MOTOROLA-BC547C Datasheet
193Kb / 6P
   Amplifier Transistors
logo
STMicroelectronics
BC547C STMICROELECTRONICS-BC547C Datasheet
53Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
logo
Diotec Semiconductor
BC547C DIOTEC-BC547C Datasheet
148Kb / 2P
   General Purpose NPN Transistors
logo
ON Semiconductor
BC547C ONSEMI-BC547C Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
SeCoS Halbleitertechnol...
BC547C SECOS-BC547C Datasheet
183Kb / 3P
   Elektronische Bauelemente
More results

Similar Description - BC547C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com