Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33186HVW2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC33186HVW2
Description  H-Bridge Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33186HVW2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC33186HVW2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33186
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33186 Pin Locations
Table 1. 33186 Pin Description
Pin
Name
Description
9, 10, 11, 12
Metal slug
PGND
Power Ground. All the ground are connected together, they should be connected as short as
possible on the PCB.
1AGND
Analog ground. All the ground are connected together, they should be connected as short as
possible on the PCB.
2Output
Status flag (SF)
Open drain output, active low. Is set according to the truth table. When a fault appears, SF changes
typically in less than 100 ms.
3,13
18, 19
Inputs IN1, IN2,
DI1, DI2, COD
Voltage controlled inputs with hysteresis
8COD
When not connected or connected to GND, a stored failure will be reset by change of the voltage-
level on DI1 or DI2.
When connected to VCC, the disable Pin DI1 and DI2 are inactive. A stored failure will be reset by
change of the voltage level on IN1 or IN2.
6, 7, 14, 15
OUT1, OUT2
H-Bridge outputs with integrated freewheeling diodes.
Metal slug is connected
Transparent Top View
NC
AGND
IN2
DI1
CP
VBAT
OUT2
OUT2
DI2
PGND
PGND
SF
VBAT
OUT1
OUT1
COD
PGND
PGND
IN1
VBAT
1
2
3
4
5
6
7
8
9
10
20
19
16
15
14
13
12
11
18
17
to power ground


Similar Part No. - MC33186HVW2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33186 MOTOROLA-MC33186 Datasheet
858Kb / 12P
   Automotive H-Bridge Driver
logo
Freescale Semiconductor...
MC33186DH1/R2 FREESCALE-MC33186DH1/R2 Datasheet
302Kb / 21P
   H-Bridge Driver
logo
Motorola, Inc
MC33186DH1R2 MOTOROLA-MC33186DH1R2 Datasheet
858Kb / 12P
   Automotive H-Bridge Driver
logo
Freescale Semiconductor...
MC33186VW1/R2 FREESCALE-MC33186VW1/R2 Datasheet
302Kb / 21P
   H-Bridge Driver
MC33186VW2R2 FREESCALE-MC33186VW2R2 Datasheet
659Kb / 24P
   H-Bridge Driver
More results

Similar Description - MC33186HVW2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62222HFP ROHM-BD62222HFP Datasheet
284Kb / 11P
   H-bridge driver
logo
New Japan Radio
NJM2675 NJRC-NJM2675 Datasheet
300Kb / 8P
   H BRIDGE DRIVER
logo
Rohm
BD62321HFP ROHM-BD62321HFP Datasheet
259Kb / 11P
   H-bridge driver
logo
Freescale Semiconductor...
MC33186VW2R2 FREESCALE-MC33186VW2R2 Datasheet
659Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186_11 Datasheet
477Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186 Datasheet
302Kb / 21P
   H-Bridge Driver
logo
Vishay Siliconix
SI9978DW VISHAY-SI9978DW Datasheet
165Kb / 6P
   Configurable H-Bridge Driver
Rev. D, 05-Apr-99
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
   2A H-Bridge Driver
logo
ON Semiconductor
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
   2A H-Bridge Driver
December, 2001 - Rev. 5
logo
Rohm
BD6736FV ROHM-BD6736FV_15 Datasheet
1Mb / 16P
   Single H-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com