Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFM1A101 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EEUFM1A101
Description  Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFM1A101 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EEUFM1A101 Datasheet HTML 1Page - Panasonic Semiconductor EEUFM1A101 Datasheet HTML 2Page - Panasonic Semiconductor EEUFM1A101 Datasheet HTML 3Page - Panasonic Semiconductor EEUFM1A101 Datasheet HTML 4Page - Panasonic Semiconductor EEUFM1A101 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 EE83 
Aluminum Electrolytic Capacitors/ FM
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
n
Standard Products
When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5mm, 7.5mm.
The taping dimensions are explained on p.196 of our Catalog. Please use it as a reference guide.
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mA)
(
Ω)
(V)
(hours)
(mm)
150
10
12.5
1170
0.042
4000
0.6
5.0
5.0
EEUFM1H151 ( )
200
500
220
10
16
1650
0.030
4000
0.6
5.0
5.0
EEUFM1H221 ( )
200
500
270
10
20
1890
0.023
5000
0.6
5.0
5.0
EEUFM1H271 ( )
200
500
330
10
25
2150
0.022
5000
0.6
5.0
5.0
EEUFM1H331L( )
200
500
470
12.5
20
2260
0.022
5000
0.6
5.0
5.0
EEUFM1H471 ( )
200
500
560
12.5
25
2660
0.018
7000
0.6
5.0
5.0
EEUFM1H561 ( )
200
500
680
12.5
30
3160
0.016
7000
0.8
5.0
EEUFM1H681L
100
820
12.5
35
3270
0.014
7000
0.8
5.0
EEUFM1H821L
100
16
20
2870
0.019
5000
0.8
7.5
7.5
EEUFM1H821S( )
100
250
1000
16
25
3320
0.016
7000
0.8
7.5
7.5
EEUFM1H102 ( )
100
250
W.V.
Cap
(±20%)
Case size
Dia. Length
Ripple
current
(100kHz)
(+105
°C)
Imped-
ance
(100kHz)
(+20
°C)
Endur-
ance
Specification
Lead size
Lead
Dia.
Lead space
Straight
Taping
i
B
i
H
Part No
Min.Packaging Qíty
Long
Lead
Taping
50


Similar Part No. - EEUFM1A101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFM1A101 PANASONIC-EEUFM1A101 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEUFM1A101 PANASONIC-EEUFM1A101 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1A101 PANASONIC-EEUFM1A101 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1A101 PANASONIC-EEUFM1A101 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1A101 PANASONIC-EEUFM1A101 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors FM
More results

Similar Description - EEUFM1A101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFS0J221B PANASONIC-EEUFS0J221B Datasheet
77Kb / 4P
   Aluminum Electrolytic Capacitors (Radial Lead Type)
logo
Panasonic Battery Group
EEUED2C220 PANASONICBATTERY-EEUED2C220 Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com