Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2512B-AEZG Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2512B-AEZG
Description  USB 2.0 Hi-Speed Hub Controller
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512B-AEZG Datasheet(HTML) 1 Page - SMSC Corporation

  USB2512B-AEZG Datasheet HTML 1Page - SMSC Corporation USB2512B-AEZG Datasheet HTML 2Page - SMSC Corporation USB2512B-AEZG Datasheet HTML 3Page - SMSC Corporation USB2512B-AEZG Datasheet HTML 4Page - SMSC Corporation USB2512B-AEZG Datasheet HTML 5Page - SMSC Corporation USB2512B-AEZG Datasheet HTML 6Page - SMSC Corporation USB2512B-AEZG Datasheet HTML 7Page - SMSC Corporation USB2512B-AEZG Datasheet HTML 8Page - SMSC Corporation USB2512B-AEZG Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
SMSC USB251xB/xBi
Revision 2.2 (02-17-12)
DATASHEET
Datasheet
PRODUCT FEATURES
General Description
The SMSC USB251xB/xBi hub is a family of low-power,
configurable, MTT (multi transaction translator) hub
controller IC products for embedded USB solutions. The
x in the part number indicates the number of
downstream ports available, while the B indicates
battery charging support. The SMSC hub supports low-
speed, full-speed, and hi-speed (if operating as a hi-
speed hub) downstream devices on all of the enabled
downstream ports.
Highlights
High performance, low-power, small footprint hub
controller IC with 2, 3, or 4 downstream ports
Fully compliant with the USB 2.0 Specification [1]
Enhanced OEM configuration options available
through either a single serial I2C® EEPROM, or
SMBus slave port
MultiTRAKTM
— High-performance multiple transaction translator which
provides one transaction translator per port
PortMap
— Flexible port mapping and disable sequencing
PortSwap
— Programmable USB differential-pair pin locations ease
PCB design by aligning USB signal lines directly to
connectors
PHYBoost
— Programmable USB signal drive strength for recovering
signal integrity using 4-level driving strength resolution
Features
USB251xB/xBi products are fully footprint compatible
with USB251x/xi/xA/xAi products as direct drop-in
replacements
— Cost savings include using the same PCB components
and application of USB-IF Compliance by Similarity
Full power management with individual or ganged
power control of each downstream port
Fully integrated USB termination and pull-up/pull-
down resistors
Supports a single external 3.3 V supply source;
internal regulators provide 1.2 V internal core voltage
Onboard 24 MHz crystal driver or external 24 MHz
clock input
Customizable vendor ID, product ID, and device ID
4 kilovolts of HBM JESD22-A114F ESD protection
(powered and unpowered)
Supports self- or bus-powered operation
Supports the USB Battery Charging specification
Rev. 1.1 for Charging Downstream Ports (CDP)
The USB251xB/xBi offers the following package:
— 36-pin QFN (6x6 mm) lead-free RoHS compliant
package
USB251xBi products support the industrial
temperature range of -40ºC to +85ºC
USB251xB products support the extended
commercial temperature range of 0ºC to +85ºC
Applications
LCD monitors and TVs
Multi-function USB peripherals
PC motherboards
Set-top boxes, DVD players, DVR/PVR
Printers and scanners
PC media drive bay
Portable hub boxes
Mobile PC docking
Embedded systems
USB251xB/xBi
USB 2.0 Hi-Speed Hub Controller


Similar Part No. - USB2512B-AEZG

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG Datasheet
1Mb / 72P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG MICROCHIP-USB2512B-AEZG Datasheet
861Kb / 63P
   USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG MICROCHIP-USB2512B-AEZG Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2512B-AEZG MICROCHIP-USB2512B-AEZG Datasheet
1,017Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
10-20-15
More results

Similar Description - USB2512B-AEZG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
USB251 MICROCHIP-USB251 Datasheet
810Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
2010 - 2015
USB251XB MICROCHIP-USB251XB Datasheet
1,017Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
10-20-15
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
   USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
   USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
   USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
logo
SMSC Corporation
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
   USB 2.0 Hi-Speed 3-Port Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com