Selected language     English  ▼


K006-750 Datasheet(PDF) 4 Page - Eichhoff Electronics,Inc.

Part No. K006-750
Description  Zweipol-Funk-Entstörkondensatoren Two-pole Radio Interference Suppression Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EICHHOFF [Eichhoff Electronics,Inc.]
Homepage  http://www.eichhoff.com/
Logo 

   
 4 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
MKT-Funk-Entstörkondensatoren Klasse Y2, 250 V~
MKT-Radio-Interference Suppression Capacitors – Class Y2, AC 250 V
Condensateurs de type MKT– Classe Y2, c.a. 250 V
Kapazität
Capacitance
Capacité
Teile-Nr. / Part number / Référence
1000 pF
1500 pF
2200 pF
3300 pF
4700 pF
6800 pF
10000 pF
15000 pF
22000 pF
27000 pF
Anschlüsse:
Ausf. A
Cu-Draht isoliert H05V- U 0,5 mm2
Anschlußenden abisoliert
Ausf. B
Cu-Draht isoliert AWG 20 TR 32
Anschlußenden abisoliert
Ausf. C
Cu-Litze H05V-K0,5 mm2
Anschlußenden abisoliert
Ausf. D
Cu-Litze AWG 20 TR 32
Anschlußenden abisoliert
Prüfzeichen:
Approvals:
Homologations:
Ausf. / Fig. / ill. A
Ausf. / Fig. / ill. B
Ausf. / Fig. / ill. C
Ausf. / Fig. / ill. D
B
(mm)
H
(mm)
L
(mm)
KMT 255/950 – 210/100
KMT 255/950 – 215/100
KMT 255/950 – 222/100
KMT 255/950 – 233/100
KMT 255/950 – 247/100
KMT 255/950 – 268/100
KMT 255/950 – 310/100
KMT 255/950 – 315/100
KMT 255/950 – 322/100
KMT 255/950 – 327/100
KMT 255/950 – 210/499
KMT 255/950 – 215/499
KMT 255/950 – 222/499
KMT 255/950 – 233/499
KMT 255/950 – 247/499
KMT 255/950 – 268/499
KMT 255/950 – 310/499
KMT 255/950 – 315/499
KMT 255/950 – 322/499
KMT 255/950 – 327/499
KMT 255/950 – 210/500
KMT 255/950 – 225/500
KMT 255/950 – 222/500
KMT 255/950 – 233/500
KMT 255/950 – 247/500
KMT 255/950 – 268/500
KMT 255/950 – 310/500
KMT 255/750 – 315/500
KMT 255/950 – 322/500
KMT 255/950 – 327/500
KMT 255/950 – 210/999
KMT 255/950 – 215/999
KMT 255/950 – 222/999
KMT 255/950 – 233/999
KMT 255/950 – 247/999
KMT 255/950 – 268/999
KMT 255/950 – 310/999
KMT 255/950 – 315/999
KMT 255/950 – 322/999
KMT 255/950 – 327/999
5
5
5
5
6
7,5
8,5
7
7
8,5
11
11
11
11
12
13,5
14,5
15
15
16,5
18
18
18
18
18
18
18
26,5
26,5
26,5
Connections:
Table A
Insulated copper wire
H05V-U 0.5 mm2, ends stripped
Table B
Copper wire with insulation
AWG 20 TR 32
Table C
Insulated sranded leads
H05V-K 0.5 mm2, ends stripped
Table D
Insulated stranded leads
AWG 20 TR 32, ends stripped
Connexions:
Tableau A
File cuivre isolé
H05V- U 0,5 mm2, bouts dénudés
Tableau B
Fil cuivre isolé
AWG 20 TR 32
Tableau C
Fil souple isole
H05V-K 0,5 mm2, bouts dénudés
Tableau D
Fil souple isolé
AWG 20 TR 32, bouts dénudés
EN 60384-14
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl