Selected language     English  ▼


K006-875 Datasheet(PDF) 3 Page - Eichhoff Electronics,Inc.

Part No. K006-875
Description  Zweipol-Funk-Entstörkondensatoren Two-pole Radio Interference Suppression Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EICHHOFF [Eichhoff Electronics,Inc.]
Homepage  http://www.eichhoff.com/
Logo 

   
 3 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Kapazität
Capacitance
Capacité
Teile-Nr. / Part number / Référence
1000 pF
1500 pF
2200 pF
3300 pF
4700 pF
6800 pF
10000 pF
15000 pF
22000 pF
27000 pF
Anschlüsse:
Ausf. A
Cu-Draht verzinnt ‡ 0,8 x 6 mm
Ausf. B
Cu-Draht verzinnt ‡ 0,8 x 35 mm
Weitere Drahtlängen auf Anfrage.
Prüfzeichen:
Approvals:
Homologationes:
Connections:
Fig. A
Tinned copper wire ‡ 0,8 x 6 mm
Fig. B
Tinned copper wire ‡ 0,8 x 35 mm
Different wire lenghts on demand.
Connexions:
ill. A
File cuivre étamé ‡ 0,8 x 6 mm
ill. B
File cuivre étamé ‡ 0,8 x 35 mm
Autres longueurs de fil sur demande.
Ausf. / Fig. / ill. A
Ausf. / Fig. / ill. B
B
(mm)
H
(mm)
L
(mm)
RM
(mm)
KMT 255/954 – 210/011
KMT 255/954 – 215/011
KMT 255/954 – 222/011
KMT 255/954 – 233/011
KMT 255/954 – 247/011
KMT 255/954 – 268/011
KMT 255/954 – 310/011
KMT 255/955 – 315/011
KMT 255/955 – 322/011
KMT 255/955 – 327/011
KMT 255/954 – 210/030
KMT 255/954 – 215/030
KMT 255/954 – 222/030
KMT 255/954 – 233/030
KMT 255/954 – 247/030
KMT 255/954 – 268/030
KMT 255/954 – 310/030
KMT 255/955 – 315/030
KMT 255/955 – 322/030
KMT 255/955 – 327/030
5
5
5
5
6
7,5
8,5
7
7
8,5
11
11
11
11
12
13,5
14,5
15
15
16,5
18
18
18
18
18
18
18
26,5
26,5
26,5
15
15
15
15
15
15
15
22,5
22,5
22,5
Ausf. / Fig. / ill. A
Ausf. / Fig. / ill. B
MKT-Funk-Entstörkondensatoren Klasse Y2, 250 V ~
MKT-Radio-Interference Supression Capacitors – Class Y2, AC 250 V
Condensateurs de type MKT – Classe Y2, c.a. 250 V
Prüfzeichen beantragt:
Approvals applied for:
Homologations en préparation:
EN 60384-14
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl