Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K008-150 Datasheet(PDF) 5 Page - Eichhoff Electronics,Inc.

Part # K008-150
Description  Zweipol-Funk-Entst철rkondensatoren Two-pole Radio Interference Suppression Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

K008-150 Datasheet(HTML) 5 Page - Eichhoff Electronics,Inc.

  K008-150 Datasheet HTML 1Page - Eichhoff Electronics,Inc. K008-150 Datasheet HTML 2Page - Eichhoff Electronics,Inc. K008-150 Datasheet HTML 3Page - Eichhoff Electronics,Inc. K008-150 Datasheet HTML 4Page - Eichhoff Electronics,Inc. K008-150 Datasheet HTML 5Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
K018-250/844-221
K018-250/846-221
K018-350/854-221
K018-350/856-221
Nennkapazität
Rated Capacitance
Capacité nominale
Widerstand
Resistance
Résistance
0,1 µF+2x0,015µFX1Y2
0,1 µF+2x0,022µFX1Y2
0,24 µF+2x0,015µFX1Y2
0,24 µF+2x0,022µFX1Y2
1 M0
1 M0
31
31
34
34
2
2
2
2
Weitere Kapazitätswerte auf Anfrage / Other values upon request / D’autres capacités sur demande
Teile-Nr.
Part number
Référence
Funk-Entstörkondensatoren Klasse X1Y2
Radio-Interference Suppression Capacitors class X1Y2
Condensateurs de déparasitage classe X1Y2
Abmessungen
Dimensions
B ± 1
Schaltbild
Electrical schematic
Schéma électrique
Auch als X1 Kondensator erhältlich
Also avaible as X1 capacitor
Egalement disponible comme condensateur X1


Similar Part No. - K008-150

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
K008-150/502 EICHHOFF-K008-150/502 Datasheet
196Kb / 2P
   tWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K008-150/505 EICHHOFF-K008-150/505 Datasheet
196Kb / 2P
   tWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K008-150/506 EICHHOFF-K008-150/506 Datasheet
196Kb / 2P
   tWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
More results

Similar Description - K008-150

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
K006-700 EICHHOFF-K006-700_12 Datasheet
334Kb / 4P
   Zweipol-Funk-Entst철rkondensatoren Two-pole Radio Interference Suppression Capacitors
K007-050 EICHHOFF-K007-050 Datasheet
304Kb / 4P
   Zweipol-Funk-Entst철rkondensatoren Two-pole Radio Interference Suppression Capacitors
K018-000 EICHHOFF-K018-000_12 Datasheet
75Kb / 1P
   Vierpol-Funk-Entst철rkondensatoren Four-pole Radio Interference Suppression
K257 EICHHOFF-K257 Datasheet
83Kb / 2P
   MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
KMT274 EICHHOFF-KMT274 Datasheet
119Kb / 2P
   MKT-Funk-Entst철rkondensatoren Klasse MKT-Radio-Interference
K016-050 EICHHOFF-K016-050 Datasheet
80Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K002-798 EICHHOFF-K002-798 Datasheet
88Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K006-200 EICHHOFF-K006-200 Datasheet
83Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K006-700 EICHHOFF-K006-700 Datasheet
87Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K015-050 EICHHOFF-K015-050 Datasheet
72Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com