Electronic Components Datasheet Search
Selected language     English  ▼


K002-060 Datasheet(PDF) 3 Page - Eichhoff Electronics,Inc.

Part No. K002-060
Description  Zweipol-Funk-Entstörkondensatoren Two-pole Radio Interference Suppression Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EICHHOFF [Eichhoff Electronics,Inc.]
Homepage  http://www.eichhoff.com/
Logo 

   
 3 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Zweipol-Funk-Entstörkondensatoren – Klasse X1Y2
Two-pole Radio Interference Suppression Capacitors – Class X1Y2
Condensateurs de déparasitage à 2 pôles – Classe X1Y2
Nennkapazität
Nominal value
Capacité nominale
Teile-Nr.
Part number
Référence
0,24 µF +
2 x 0,027 µF
a
b
c
d
Abb.
Fig.
ill.
K002-798/003
K002-798/000
K002-798/050
K002-798/060
Weitere Y-Werte auf Anfrage
Other values upon request / D’autres capacités Y sur demande
Nennspannung:
Rated voltage:
250 V ~
Tension nominale:
Kapazitätsabweichung:
Capacitance tolerance:
± 20%
Tolérances des capacités:
Kondensatorenklasse:
Capacitor class:
X1Y2
Classe de condensateur.
Entladewiderstand:
Discharge resistor:
1 M0
Résistance de décharge:
Klimakategorie:
25/100/21
Climatic category:
(IEC 60068-1)
Catégorie d’ climatique:
Passive Entflammbarkeit:
C
Letter indicating passive
(DIN EN
60384-14)
flammability category:
Catégorie d’ inflammabilité:
Anschlüsse:
Cu-Litze Typ H05V-K 0,5 mm2,
(mit Prüfzeichen
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
, AWG 18)
konfektioniert mit Steckhülse verzinnt
6,3 x 0,8 mm
Leads:
stranded copper wire 0.75 mm2,
(with Approval
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
, AWG 18)
with tinned
faston terminals 6.3 x 0.8
Connexions:
toron de cuivre type 0,75 mm2,
(avec Homologations
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
, AWG 18)
confectionné avec des cosses
plattes 6,3 x 0,8, étamées
Prüfzeichen:
Approvals:
Homologations:
Gehäuse/Encapsulation/Boîtier:
Abb. a und b
= Aluminiumgehäuse mit Gewindezapfen
Abb. c
= Isoliergehäuse mit Zapfen
Abb. d= Isoliergehäuse
Fig. a and b
= aluminium can with threaded stud
Fig. c
= plastic can with stud
Fig. d
= plastic can
ill. a et b
= boîtier en aluminium avec
vis filetée M 8
ill. c
= boîtier isolant avec axe
ill. d
= boîtier isolant
Abb./Fig./ill. a
Abb./Fig./ill. b
Abb./Fig./ill. d
Abb./Fig./ill. c
Einfügungsdämpfung
Insertion loss
Affaiblissement d’ insertion
EN 60384-14
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl