Selected language     English  ▼


K002-798 Datasheet(PDF) 1 Page - Eichhoff Electronics,Inc.

Part No. K002-798
Description  Zweipol-Funk-Entstörkondensatoren Two-pole Radio Interference Suppression Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EICHHOFF [Eichhoff Electronics,Inc.]
Homepage  http://www.eichhoff.com/
Logo 

   
 1 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Zweipol-Funk-Entstörkondensatoren – Klasse X1Y2
Two-pole Radio Interference Suppression Capacitors – Class X1Y2
Condensateurs de déparasitage à 2 pôles – Classe X1Y2
Nennkapazität
Nominal value
Capacité nominale
Gehäuse
Encapsulation / Boîtier
0,024 µF + 2 x 2400 pF
0,047 µF + 2 x 2400 pF
0,068 µF + 2 x 2400 pF
0,1
µF + 2 x 2400 pF
0,2
µF + 2 x 2400 pF
0,3
µF + 2 x 2400 pF
0,39 µF + 2 x 2400 pF
0,47 µF + 2 x 2400 pF
12
14
14
16
18
22
25
25
38
38
38
38
46
41
53
53
d ± 0,5
I-3
K008-050/505
K008-150/505
K008-250/505
K008-350/505
K008-450/505
K008-550/505
K008-650/505
K008-750/505
K008-050/506
K008-150/506
K008-250/506
K008-350/506
K008-450/506
K008-550/506
K008-650/506
K008-750/506
K008-050/502
K008-150/502
K008-250/502
K008-350/502
K008-450/502
K008-550/502
K008-650/502
K008-750/502
Weitere Kapazitätswerte auf Anfrage / Other values upon request / D’autres capacités demande
Nennspannung:
Rated voltage:
250 V ~
Tension nominale:
Kapazitätsabweichung:
Capacitance tolerance:
± 20%
Tolérances des capacités:
Kondensatorenklasse:
Capacitor class:
X1Y2
Classe de condensateur:
Klimakategorie:
25/100/21
Climatic category:
(IEC 60068-1)
Catégorie d’ climatique:
Passive Entflammbarkeit:
C
Letter indicating passive
(DIN EN
60384-14)
flammability category:
Catégorie d’ inflammabilité:
Anschlüsse:
Cu-Litze Typ H05V-K 0,5 mm2,
(mit Prüfzeichen
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
, AWG 20)
Anschlußenden abisoliert
Leads:
stranded copper wire type H05V-K 0.5 mm2,
(with Approval
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
, AWG 20)
ends stripped
Connexions:
toron de cuivre type H05V-K 0,5 mm2,
(avec Homologations
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
, AWG 20)
bouts dénudés
Prüfzeichen:
Approvals:
Homologations:
Einfügungsdämpfung
Insertion loss
Affaiblissement d’ insertion
Gehäuse:
IB
= Isolierbecher
MB
= Metallbecher
MBL = Metallbecher mit Lasche
Encapsulation:
IB
= plastic can
MB
= metal can
MBL = metal can with fixing lug
Boîtier:
IB
= boîtier isolant
MB
= boîtier métallique
MBL = boîtier métallique
avec étrier
Teile-Nr. / Part number / Référence
MBL
MB
IB
MB, MBL, IB
Gehäuse
Encapsulation
Boîtier
MBL
Gehäuse
Encapsulation
Boîtier
MB, IB
EN 60384-14
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl