Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K002-030 Datasheet(PDF) 1 Page - Eichhoff Electronics,Inc.

Part # K002-030
Description  Zweipol-Funk-Entst철rkondensatoren Two-pole Radio Interference Suppression Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

K002-030 Datasheet(HTML) 1 Page - Eichhoff Electronics,Inc.

  K002-030 Datasheet HTML 1Page - Eichhoff Electronics,Inc. K002-030 Datasheet HTML 2Page - Eichhoff Electronics,Inc. K002-030 Datasheet HTML 3Page - Eichhoff Electronics,Inc. K002-030 Datasheet HTML 4Page - Eichhoff Electronics,Inc. K002-030 Datasheet HTML 5Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Zweipol-Funk-Entstörkondensatoren – Klasse X1Y2
Two-pole Radio Interference Suppression Capacitors – Class X1Y2
Condensateurs de déparasitage à 2 pôles – Classe X1Y2
Nennkapazität
Nominal value
Capacité nominale
Gehäuse
Encapsulation / Boîtier
0,024 µF + 2 x 2400 pF
0,047 µF + 2 x 2400 pF
0,068 µF + 2 x 2400 pF
0,1
µF + 2 x 2400 pF
0,2
µF + 2 x 2400 pF
0,3
µF + 2 x 2400 pF
0,39 µF + 2 x 2400 pF
0,47 µF + 2 x 2400 pF
12
14
14
16
18
22
25
25
38
38
38
38
46
41
53
53
d ± 0,5
I-3
K008-050/505
K008-150/505
K008-250/505
K008-350/505
K008-450/505
K008-550/505
K008-650/505
K008-750/505
K008-050/506
K008-150/506
K008-250/506
K008-350/506
K008-450/506
K008-550/506
K008-650/506
K008-750/506
K008-050/502
K008-150/502
K008-250/502
K008-350/502
K008-450/502
K008-550/502
K008-650/502
K008-750/502
Weitere Kapazitätswerte auf Anfrage / Other values upon request / D’autres capacités demande
Nennspannung:
Rated voltage:
250 V ~
Tension nominale:
Kapazitätsabweichung:
Capacitance tolerance:
± 20%
Tolérances des capacités:
Kondensatorenklasse:
Capacitor class:
X1Y2
Classe de condensateur:
Klimakategorie:
25/100/21
Climatic category:
(IEC 60068-1)
Catégorie d’ climatique:
Passive Entflammbarkeit:
C
Letter indicating passive
(DIN EN
60384-14)
flammability category:
Catégorie d’ inflammabilité:
Anschlüsse:
Cu-Litze Typ H05V-K 0,5 mm2,
(mit Prüfzeichen
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
, AWG 20)
Anschlußenden abisoliert
Leads:
stranded copper wire type H05V-K 0.5 mm2,
(with Approval
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
, AWG 20)
ends stripped
Connexions:
toron de cuivre type H05V-K 0,5 mm2,
(avec Homologations
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
, AWG 20)
bouts dénudés
Prüfzeichen:
Approvals:
Homologations:
Einfügungsdämpfung
Insertion loss
Affaiblissement d’ insertion
Gehäuse:
IB
= Isolierbecher
MB
= Metallbecher
MBL = Metallbecher mit Lasche
Encapsulation:
IB
= plastic can
MB
= metal can
MBL = metal can with fixing lug
Boîtier:
IB
= boîtier isolant
MB
= boîtier métallique
MBL = boîtier métallique
avec étrier
Teile-Nr. / Part number / Référence
MBL
MB
IB
MB, MBL, IB
Gehäuse
Encapsulation
Boîtier
MBL
Gehäuse
Encapsulation
Boîtier
MB, IB
EN 60384-14
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀


Similar Part No. - K002-030

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
K002-798 EICHHOFF-K002-798 Datasheet
88Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K002-798/000 EICHHOFF-K002-798/000 Datasheet
88Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K002-798/003 EICHHOFF-K002-798/003 Datasheet
88Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K002-798/050 EICHHOFF-K002-798/050 Datasheet
88Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K002-798/060 EICHHOFF-K002-798/060 Datasheet
88Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
More results

Similar Description - K002-030

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
K006-700 EICHHOFF-K006-700_12 Datasheet
334Kb / 4P
   Zweipol-Funk-Entst철rkondensatoren Two-pole Radio Interference Suppression Capacitors
K007-050 EICHHOFF-K007-050 Datasheet
304Kb / 4P
   Zweipol-Funk-Entst철rkondensatoren Two-pole Radio Interference Suppression Capacitors
K018-000 EICHHOFF-K018-000_12 Datasheet
75Kb / 1P
   Vierpol-Funk-Entst철rkondensatoren Four-pole Radio Interference Suppression
K257 EICHHOFF-K257 Datasheet
83Kb / 2P
   MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
KMT274 EICHHOFF-KMT274 Datasheet
119Kb / 2P
   MKT-Funk-Entst철rkondensatoren Klasse MKT-Radio-Interference
K016-050 EICHHOFF-K016-050 Datasheet
80Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K002-798 EICHHOFF-K002-798 Datasheet
88Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K006-200 EICHHOFF-K006-200 Datasheet
83Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K006-700 EICHHOFF-K006-700 Datasheet
87Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K015-050 EICHHOFF-K015-050 Datasheet
72Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com