Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP70T03AS Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP70T03AS
Description  Simple Drive Requirement, Low Gate Charge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP70T03AS Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP70T03AS Datasheet HTML 1Page - Advanced Power Electronics Corp. AP70T03AS Datasheet HTML 2Page - Advanced Power Electronics Corp. AP70T03AS Datasheet HTML 3Page - Advanced Power Electronics Corp. AP70T03AS Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Simple Drive Requirement
BVDSS
30V
▼ Low Gate Charge
RDS(ON)
9mΩ
▼ Fast Switching
ID
60A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=100℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Unit
Rthj-c
Thermal Resistance Junction-case
Max.
2.8
℃/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
62
℃/W
Data and specifications subject to change without notice
Thermal Data
Parameter
Storage Temperature Range
Total Power Dissipation
53
-55 to 175
Operating Junction Temperature Range
-55 to 175
Linear Derating Factor
0.36
Continuous Drain Current, VGS @ 10V
43
Pulsed Drain Current
1
195
Gate-Source Voltage
± 20
Continuous Drain Current, VGS @ 10V
60
Parameter
Rating
Drain-Source Voltage
30
200909032
AP70T03AS/P
G
D
S
The Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The TO-263 package is universally preferred for all commercial-
industrial surface mount applications and suited for low voltage
applications such as DC/DC converters. The through-hole version
(AP70T03AP) are available for low-profile applications.
G
D
S
TO-263(S)
G
D
S
TO-220(P)


Similar Part No. - AP70T03AS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP70T03AH A-POWER-AP70T03AH Datasheet
76Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP70T03AJ A-POWER-AP70T03AJ Datasheet
76Kb / 4P
   Simple Drive Requirement, Low Gate Charge
More results

Similar Description - AP70T03AS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4951GM A-POWER-AP4951GM Datasheet
188Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP85T03GS,P-HF A-POWER-AP85T03GS,P-HF Datasheet
105Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GP A-POWER-AP9435GP Datasheet
99Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GM A-POWER-AP9435GM Datasheet
185Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP70L02GH A-POWER-AP70L02GH Datasheet
84Kb / 6P
   Low Gate Charge, Simple Drive Requirement
AP60T03GH,J A-POWER-AP60T03GH,J Datasheet
104Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP70T03AH A-POWER-AP70T03AH Datasheet
76Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP60T03AS A-POWER-AP60T03AS Datasheet
82Kb / 4P
   Simple Drive Requirement Low Gate Charge
AP60T03GH,J-HF A-POWER-AP60T03GH,J-HF Datasheet
104Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP60T03GS A-POWER-AP60T03GS Datasheet
206Kb / 6P
   Simple Drive Requirement, Low Gate Charge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com