Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP85U03GM-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP85U03GM-HF
Description  Ultra_Low On-resistance, Simple Drive Requirement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP85U03GM-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP85U03GM-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP85U03GM-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP85U03GM-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP85U03GM-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Ultra_Low On-resistance
BVDSS
30V
▼ Simple Drive Requirement
RDS(ON)
5mΩ
▼ Fast Switching Characteristic
ID
18.6A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
50
/W
Data and specifications subject to change without notice
Halogen-Free Product
Thermal Data
Parameter
Total Power Dissipation
2.5
-55 to 150
Operating Junction Temperature Range
-55 to 150
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
3
Storage Temperature Range
Continuous Drain Current
3
14.9
Pulsed Drain Current
1
72
200908191
1
AP85U03GM-HF
Rating
30
+20
18.6
Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The SO-8 package is widely preferred for commercial-industrial
surface mount applications and suited for low voltage applications
such as DC/DC converters.
S
S
S
G
D
D
D
D
SO-8
G
D
S


Similar Part No. - AP85U03GM-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP85U03GM-HF A-POWER-AP85U03GM-HF_14 Datasheet
99Kb / 4P
   Ultra_Low On-resistance
AP85U03GM-HF A-POWER-AP85U03GM-HF_16 Datasheet
99Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP85U03GM-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4430GM-HF A-POWER-AP4430GM-HF Datasheet
99Kb / 4P
   Ultra_Low On-resistance, Simple Drive Requirement
AP9412AGM-HF A-POWER-AP9412AGM-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Ultra_Low On-resistance
AP9416GM A-POWER-AP9416GM Datasheet
230Kb / 5P
   Simple Drive Requirement, Ultra_Low On-resistance
AP9412CGM-HF A-POWER-AP9412CGM-HF Datasheet
98Kb / 4P
   Ultra_Low On-resistance, Simple Drive Requirement
AP9412AGM A-POWER-AP9412AGM Datasheet
99Kb / 4P
   Simple Drive Requirement, Ultra_Low On-resistance
AP9420GM-HF A-POWER-AP9420GM-HF Datasheet
98Kb / 4P
   Ultra_Low On-resistance, Simple Drive Requirement
AP4429GM-HF A-POWER-AP4429GM-HF Datasheet
99Kb / 4P
   Ultra_Low On-resistance, Simple Drive Requirement
AP9418GM A-POWER-AP9418GM Datasheet
206Kb / 5P
   Simple Drive Requirement, Ultra_Low On-resistance
AP4880BGM-HF A-POWER-AP4880BGM-HF Datasheet
66Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP0403GM-HF A-POWER-AP0403GM-HF Datasheet
91Kb / 4P
   Low On-resistance, Simple Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com