Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1333GU Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP1333GU
Description  Simple Gate Drive, Small Package Outline
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP1333GU Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP1333GU_11 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP1333GU_11 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP1333GU_11 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP1333GU_11 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP1333GU
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
td(on) tr
td(off)tf
VDS
VGS
10%
90%
Q
VG
-4.5V
QGS
QGD
QG
Charge
0
2
4
6
8
10
01
23
4
Q G , Total Gate Charge (nC)
I D = -0.5A
V DS = -16V
10
100
13579
11
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.01
0.1
1
10
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
Operation in this
area limited by
RDS(ON)


Similar Part No. - AP1333GU_11

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1333GU-HF A-POWER-AP1333GU-HF_14 Datasheet
98Kb / 4P
   Small Package Outline
AP1333GU-HF A-POWER-AP1333GU-HF_16 Datasheet
97Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP1333GU_11

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1430GEU6-HF A-POWER-AP1430GEU6-HF Datasheet
67Kb / 4P
   Simple Gate Drive, Small Package Outline, Embedded Protection Diode
AP2317GN-HF A-POWER-AP2317GN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2309AGN-HF A-POWER-AP2309AGN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2309GN-HF A-POWER-AP2309GN-HF Datasheet
113Kb / 5P
   Simple Drive Requirement, Small Package Outline
AP9451GG A-POWER-AP9451GG Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2305GN-HF A-POWER-AP2305GN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2307GN-HF A-POWER-AP2307GN-HF Datasheet
62Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2316GN-HF A-POWER-AP2316GN-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2304AGN-HF A-POWER-AP2304AGN-HF Datasheet
92Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2607AGY-HF A-POWER-AP2607AGY-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Small Package Outline
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com