Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BJ379MC-201 Datasheet(PDF) 11 Page - Emerson Network Power

Part # BJ379MC-201
Description  Military, Space and Testing Equipment
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BJ379MC-201 Datasheet(HTML) 11 Page - Emerson Network Power

Back Button BJ379MC-201 Datasheet HTML 7Page - Emerson Network Power BJ379MC-201 Datasheet HTML 8Page - Emerson Network Power BJ379MC-201 Datasheet HTML 9Page - Emerson Network Power BJ379MC-201 Datasheet HTML 10Page - Emerson Network Power BJ379MC-201 Datasheet HTML 11Page - Emerson Network Power BJ379MC-201 Datasheet HTML 12Page - Emerson Network Power BJ379MC-201 Datasheet HTML 13Page - Emerson Network Power BJ379MC-201 Datasheet HTML 14Page - Emerson Network Power BJ379MC-201 Datasheet HTML 15Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
9
.625 1.166
2.673
* Other options available including Random Paralleling.
Contact customer service for more information.
For Adapters, see pages 58-61. For Terminations, see page 57.
TN2 Shown
.593
DIA
MAX
PL75
2.683
CJ70
.593
DIA
MAX
.425 TYP
.436
1.286
.593 DIA
OVER KNURL
1.075
.440
.625
1.166
2.673
INTERMEDIATE
BN73 Shown
Twinax/Triax Connectors / Miniature Circuit Board Jacks
70/370 Series
Twinax/Triax Connectors / TRB Series Pad
Paralleling/T Adapter
TRB Series Pad
TRB 3-Lug Plug and Jack
TRB “T” Adapter
3–Lug.............................................. BN73
2–Lug.............................................. BN73TL
4–Lug.............................................. BN73FL
TRT “T” Adapter
Threaded......................................... BN373
Fixed Paralleling Jack
Two Plugs, One Jack
3–Lug.............................................. TN2
2–Lug.............................................. TN2TL
4–Lug.............................................. TN2FL
Threaded......................................... TN2T
Fixed Paralleling Jacks
Fixed Paralleling Jack
Two Jacks, One Plug
3–Lug.............................................. TN2A
2–Lug.............................................. TN2TLA
4–Lug.............................................. TN2FLA
Threaded......................................... TN2TA
TN2A Shown
TNG2-R
TNG3-R
Part Number
Circuitry Schematic
R
R1
R2
R
R1
R2
R1 R2
R3
R3
R4
R5
R6
R2
R1
R
R1
R2
R
R1
R2
R1 R2
R3
R3
R4
R5
R6
R2
R1
R-Resistance (½W 1%)
Substitute resistive value for each "R
N" unless all values are identical.
Triax Parallel Network
305-0138


Similar Part No. - BJ379MC-201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BJ37931E ETC-BJ37931E Datasheet
426Kb / 5P
   SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
BJ37933 ETC-BJ37933 Datasheet
426Kb / 5P
   SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
More results

Similar Description - BJ379MC-201

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
D55342E07B3B74R TTELEC-D55342E07B3B74R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B4B22R TTELEC-M55342E06B4B22R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B10A0R TTELEC-M55342E06B10A0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
D55342E07B2B49R TTELEC-D55342E07B2B49R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B20B0R TTELEC-M55342E06B20B0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B4B70R TTELEC-M55342E06B4B70R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
logo
Skyworks Solutions Inc.
SKYH22002 SKYWORKS-SKYH22002 Datasheet
121Kb / 2P
   Hermetically Sealed Cascadable Amplifier for High-Reliability Space and Military Applications
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Skyworks Solutions Inc.
SKYH22001 SKYWORKS-SKYH22001 Datasheet
142Kb / 2P
   Hermetically Sealed Broadband Low-Noise Amplifier for High-Reliability Space and Military Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com