Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPF8044T-1R8N Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF8044T-1R8N
Description  Shape & Dimensions / Recommended Solder Land Pattern
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF8044T-1R8N Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF8044T-1R8N Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.40
LPF8044T-471M
470
1.937
0.50
0.62
LPF8044T-331M
330
1.230
0.62
0.45
LPF8044T-221M
220
0.932
0.80
0.78
LPF8044T-151M
150
0.657
0.90
4.50
3.10
±20
100
5.30
3.40
4.40
4.20
0.050
3.30
LPF8044T-6R8M
6.8
0.033
0.028
LPF8044T-1R8N
1.8
0.022
6.20
±30
0.018
6.40
0.015
LPF8044T-1R0N
1.0
LPF8044T-3R3M
3.3
0.024
6.00
5.10
6.50
0.35
Test Equipments
Packing style
0.26
3.60
1000
. L : Agilent E4980A Precision LCR Meter
T : Taping
B : Bulk
. Rdc : HIOKI 3540 mΩ HiTESTER
▼Electrical Characteristics
Idc2
(Typ.)
LPF8044T-102M
Rated DC current(A)
DC Resistance(Ω)
Frequency
▼Shape & Dimensions / Recommended Solder Land Pattern
(Dimensions in mm)
LPF8044T-1R5N
1.5
LPF8044T-4R7M
4.7
LPF8044T-100M
10
LPF8044T-220M
22
LPF8044T-470M
-40 ~ +105℃ (Including self-generated heat)
. Idc1 : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
. Idc2 : Yokogawa DR130 Hybrid Recorder + Agilent 6692A DC Power Supply
Test Condition
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
. Idc2(The temperature rise): △T= 40℃ typical at rated DC current
. Idc1(The saturation current) : △L≤ 20% reduction from initial L value
Rated DC current(Idc) : The value of Idc1 or Idc2 , whichever is smaller
Operating Temperature Range
LPF8044 Series
SMD Shielded type
L(uH)
Tol.(%)
Idc1
(Max.)
OrderingCode
Inductance
F
(KHz)
Rdc
±
20%
3.926
2.60
LPF8044T-150M
15
0.060
3.00
2.40
0.080
2.40
2.00
LPF8044T-330M
33
0.132
1.60
1.60
47
0.170
1.50
1.30
1.10
LPF8044T-101M
100
0.390
1.00
0.90
LPF8044T-680M
68
0.260
1.20
0.32
LPF8044T-681M
680
2.773
0.42
http://www.abco.co.kr
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
※ Marking : White
8.0±0.2
4.5 Max.
1.8
3.1
3.1
1.9
5.0 8.8
2.5


Similar Part No. - LPF8044T-1R8N

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LPF MSYSTEM-LPF Datasheet
112Kb / 3P
   Power Transducer Series L-UNIT
logo
Bertech.
LPF BERTECH-LPF Datasheet
173Kb / 1P
   Cleanroom Compatible Latex Gloves
logo
M-System Co.,Ltd.
LPF-11P.M1W-B MSYSTEM-LPF-11P.M1W-B Datasheet
112Kb / 3P
   Power Transducer Series L-UNIT
LPF-11P.M1W-B/Q MSYSTEM-LPF-11P.M1W-B/Q Datasheet
112Kb / 3P
   Power Transducer Series L-UNIT
LPF-11P.M1W-C MSYSTEM-LPF-11P.M1W-C Datasheet
112Kb / 3P
   Power Transducer Series L-UNIT
More results

Similar Description - LPF8044T-1R8N

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPS181214 ABCO-LPS181214 Datasheet
110Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com