Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1504S Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # E1504S
Description  4C 18 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

E1504S Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  E1504S Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: E1504S
Date:
10/25/2007
Revision Level:
1
4C 18 SOLID BC SR-PVC PVC
Fire Alarm/Life Safety Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#18 AWG Solid Bare Copper
0.010” Wall Semi-Rigid Polyvinyl Chloride
0.015” Wall Polyvinyl Chloride - Red
0.040” nom.
CAROL A (R) 18 AWG - - E1504S - -75C E66267-8 (UL) TYPE FPLR - - MADE IN USA (DATE
CODE & SEQUENTIAL FOOTAGE 1000’ TO 0’)
4C @ 4.00” LHL
0.145” nom.
0.060” nom.
0.175" +/- 0.009"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
75C
300V
6.4 Ohms/1000 ft nom
29.95 pF/ft @ 1kHz nom
64.2 Ohms @ 1MHz nom
National Electrical Code
Article 760
UL Standard 1424
Type FPLR
1
2
3
4
Black
Red
Brown
Blue
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - E1504S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E150 ETC2-E150 Datasheet
313Kb / 5P
   Industrial Control Transformers
logo
Gilway Technical Lamp
E150-5V GILWAY-E150-5V Datasheet
129Kb / 3P
   T-1 and T-1 3/4, Infrared LEDs
logo
Moxa Inc.
E1500 MOXA-E1500 Datasheet
2Mb / 5P
   Ethernet remote I/O for railway applications
logo
General Cable Technolog...
E1502S GENERAL-E1502S Datasheet
73Kb / 1P
   2C 18 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
E1503S GENERAL-E1503S Datasheet
73Kb / 1P
   3C 18 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
More results

Similar Description - E1504S

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
E2504S GENERAL-E2504S Datasheet
74Kb / 1P
   4C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E1524S GENERAL-E1524S Datasheet
73Kb / 1P
   4C 14 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
E1484S GENERAL-E1484S Datasheet
73Kb / 1P
   4C 22 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
E1514S GENERAL-E1514S Datasheet
73Kb / 1P
   4C 16 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
E2524S GENERAL-E2524S Datasheet
73Kb / 1P
   4C 16 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E2544S GENERAL-E2544S Datasheet
73Kb / 1P
   4C 12 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E2484S GENERAL-E2484S Datasheet
73Kb / 1P
   4C 22 Solid BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E1508S GENERAL-E1508S Datasheet
74Kb / 1P
   8C 18 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
E1503S GENERAL-E1503S Datasheet
73Kb / 1P
   3C 18 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
E1505S GENERAL-E1505S Datasheet
74Kb / 1P
   5C 18 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com