Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A4 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # 1A4
Description  General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1A4 Datasheet(HTML) 2 Page - Leshan Radio Company

  1A4 Datasheet HTML 1Page - Leshan Radio Company 1A4 Datasheet HTML 2Page - Leshan Radio Company 1A4 Datasheet HTML 3Page - Leshan Radio Company 1A4 Datasheet HTML 4Page - Leshan Radio Company 1A4 Datasheet HTML 5Page - Leshan Radio Company 1A4 Datasheet HTML 6Page - Leshan Radio Company 1A4 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2. Characteristic Curves ( TA = 25°C unless otherwise noted )
1A1 thru 1A7
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Fig 3. – Typical Instantaneous Forward
Characteristics
Fig 5. –typical transient thermal
impedance
Fig 6. – Typical Junction Capacitance
0
25
50
75
100 125
150 175
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
0.1
1
10
100
10
1.0
100
10
1.0
0.1
0.01
1.0
0.1
0.01
0.001
10
1.0
0.5
0
25
12.5
0
60 Hz
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Ambient Temperature, °C
Number of Cycles at 60Hz
Instantaneous Forward Voltage
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Tj=125℃
Tj=75℃
Tj=25℃
10
1.0
0.1
100
0.01
0.1
1.0
10
t,Pulse duration,sec


Similar Part No. - 1A4

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1A4 PANJIT-1A4 Datasheet
52Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
DIOTEC Electronics Corp...
1A4 DEC-1A4 Datasheet
681Kb / 2P
   Low reverse leakage
logo
Won-Top Electronics
1A4 WTE-1A4 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
logo
Diode Semiconductor Kor...
1A4 DSK-1A4 Datasheet
291Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
RFE international
1A4 RFE-1A4 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps
More results

Similar Description - 1A4

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RL201 LRC-RL201_11 Datasheet
162Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RL151 LRC-RL151_11 Datasheet
304Kb / 11P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RL251 LRC-RL251_11 Datasheet
458Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
RL251G LRC-RL251G Datasheet
176Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
1N4008G LRC-1N4008G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N4001 LRC-1N4001_12 Datasheet
181Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N4008S LRC-1N4008S Datasheet
184Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
logo
Rugao Dachang Electroni...
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
HER101G DACHANG-HER101G Datasheet
171Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com