Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A4 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # 1A4
Description  General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1A4 Datasheet(HTML) 5 Page - Leshan Radio Company

  1A4 Datasheet HTML 1Page - Leshan Radio Company 1A4 Datasheet HTML 2Page - Leshan Radio Company 1A4 Datasheet HTML 3Page - Leshan Radio Company 1A4 Datasheet HTML 4Page - Leshan Radio Company 1A4 Datasheet HTML 5Page - Leshan Radio Company 1A4 Datasheet HTML 6Page - Leshan Radio Company 1A4 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
标题:
1.4
标签要求 label spec.
1.4.1
LRC标签 LRC label
成型规格forming spec.
1.4.2环保标签 environmental protection label
2.外箱规格 cartoon spec.
单位:mm
L
WH
T52
430
±2
280
±2
225
±2
T42
410
±2
285
±2
300
±2
T26
435
±3
280
±3
295
±3
3 按以上包装方式,编带数量和外包装箱产品数量:typing and cartoon spec.
R-3
DO-15
1.8K
2K(T52)
1.8K(T26)
18K
20K
36K
36K
32.4K
36K
外箱数量(T42编带)
quantity/cartoon
54K-
外箱数量(T26编带)
quantity/cartoon
60K-
每根编带数量
quantity/ammo
3K
0.8K
外箱数量(T52编带)
quantity/cartoon
30K
8.0K
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
2
塑封外型
A-405 & DO-41 & R-1
DO-201AD
L
W
H
外箱标签cartoon label
*******
LRC产品型号 type
****
**
****
产品重复峰压值 peak repetive voltage
产品额定电流值 average output current
产品数量 quantity
*******
产品生产日期 date


Similar Part No. - 1A4

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1A4 DEC-1A4 Datasheet
681Kb / 2P
   Low reverse leakage
logo
Pan Jit International I...
1A4 PANJIT-1A4 Datasheet
52Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diode Semiconductor Kor...
1A4 DSK-1A4 Datasheet
291Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Won-Top Electronics
1A4 WTE-1A4 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
logo
Microdiode Electronics ...
1A4 CHENDA-1A4 Datasheet
648Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - 1A4

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RL201 LRC-RL201_11 Datasheet
162Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RL151 LRC-RL151_11 Datasheet
304Kb / 11P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RL251 LRC-RL251_11 Datasheet
458Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
RL251G LRC-RL251G Datasheet
176Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
1N4008G LRC-1N4008G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N4001 LRC-1N4001_12 Datasheet
181Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N4008S LRC-1N4008S Datasheet
184Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
logo
Rugao Dachang Electroni...
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
HER101G DACHANG-HER101G Datasheet
171Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com