Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4503GM Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP4503GM
Description  Simple Drive Requirement, Low On-resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4503GM Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP4503GM_10 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4503GM_10 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4503GM_10 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4503GM_10 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4503GM_10 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4503GM_10 Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4503GM_10 Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
N-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
30
-
-
V
∆BVDSS/∆Tj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.005
-V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=6A
-
-
28
VGS=4.5V, ID=4A
-
-
42
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=6A
-
5.7
-
S
IDSS
Drain-Source Leakage Current
VDS=30V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=70
oC) V
DS=24V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=+20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
2
ID=6A
-
9
15
nC
Qgs
Gate-Source Charge
VDS=24V
-
2
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
6
-
nC
td(on)
Turn-on Delay Time
2
VDS=15V
-
8
-
ns
tr
Rise Time
ID=1A
-
7
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=10V
-
19
-
ns
tf
Fall Time
RD=15Ω
-6
-
ns
Ciss
Input Capacitance
VGS=0V
-
610
970
pF
Coss
Output Capacitance
VDS=25V
-
160
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
120
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=6A, VGS=0V
-
-
1.2
V
IS
Continuous Source Current ( Body Diode )
VD=VG=0V , VS=1.2V
-
-
1.7
A
trr
Reverse Recovery Time
2
IS=6A, VGS=0V
-
18
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
11
-
nC
AP4503GM
2


Similar Part No. - AP4503GM_10

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4503GM A-POWER-AP4503GM_14 Datasheet
127Kb / 7P
   Simple Drive Requirement
More results

Similar Description - AP4503GM_10

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4880BGM-HF A-POWER-AP4880BGM-HF Datasheet
66Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP0403GM-HF A-POWER-AP0403GM-HF Datasheet
91Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP72T03GP-HF A-POWER-AP72T03GP-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Low On-resistance
AP83T02GH-HF A-POWER-AP83T02GH-HF Datasheet
103Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP4575GM-HF A-POWER-AP4575GM-HF Datasheet
79Kb / 7P
   Simple Drive Requirement, Low On-resistance
AP9470GM-HF A-POWER-AP9470GM-HF Datasheet
99Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP9560GH-HF A-POWER-AP9560GH-HF Datasheet
98Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP4232GM-HF A-POWER-AP4232GM-HF Datasheet
213Kb / 5P
   Low On-Resistance, Simple Drive Requirement
AP4532GM A-POWER-AP4532GM Datasheet
105Kb / 11P
   Simple Drive Requirement, Low On-resistance
AP4501AGEY-HF A-POWER-AP4501AGEY-HF Datasheet
124Kb / 7P
   Simple Drive Requirement, Low On-resistance
AP6679BGH-HF A-POWER-AP6679BGH-HF Datasheet
104Kb / 4P
   Low On-resistance, Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com