Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L12845EMI-10G Datasheet(PDF) 10 Page - Macronix International

Part # MX25L12845EMI-10G
Description  ??Serial Peripheral Interface compatible - Mode 0 and Mode 3
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L12845EMI-10G Datasheet(HTML) 10 Page - Macronix International

Back Button MX25L12845EMI-10G Datasheet HTML 6Page - Macronix International MX25L12845EMI-10G Datasheet HTML 7Page - Macronix International MX25L12845EMI-10G Datasheet HTML 8Page - Macronix International MX25L12845EMI-10G Datasheet HTML 9Page - Macronix International MX25L12845EMI-10G Datasheet HTML 10Page - Macronix International MX25L12845EMI-10G Datasheet HTML 11Page - Macronix International MX25L12845EMI-10G Datasheet HTML 12Page - Macronix International MX25L12845EMI-10G Datasheet HTML 13Page - Macronix International MX25L12845EMI-10G Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
10
MX25L12845E
P/N: PM1428
REV. 1.8, FEB. 10, 2012
DATA PROTECTION
MX25L12845E is designed to offer protection against accidental erasure or programming caused by spurious sys-
tem level signals that may exist during power transition. During power up the device automatically resets the state
machine in the standby mode. In addition, with its control register architecture, alteration of the memory contents
only occurs after successful completion of specific command sequences. The device also incorporates several fea-
tures to prevent inadvertent write cycles resulting from VCC power-up and power-down transition or system noise.
• Valid command length checking: The command length will be checked whether it is at byte base and completed
on byte boundary.
• Write Enable (WREN) command: WREN command is required to set the Write Enable Latch bit (WEL) before is-
suing other commands to change data. The WEL bit will return to reset stage under following situations:
- Power-up
- Write Disable (WRDI) command completion
- Write Status Register (WRSR) command completion
- Page Program (PP, 4PP) command completion
- Continuously Program mode (CP) instruction completion
- Sector Erase (SE) command completion
- Block Erase (BE, BE32K) command completion
- Chip Erase (CE) command completion
- Single Block Lock/Unlock (SBLK/SBULK) instruction completion
- Gang Block Lock/Unlock (GBLK/GBULK) instruction completion
• Deep Power Down Mode: By entering deep power down mode, the flash device also is under protected from
writing all commands except Release from Deep Power Down mode command (RDP) and Read Electronic Sig-
nature command (RES).
I. Block lock protection
- The Software Protected Mode (SPM) uses (BP3, BP2, BP1, BP0) bits to allow part of memory to be protected
as read only. The protected area definition is shown as table of "Protected Area Sizes", the protected areas are
more flexible which may protect various area by setting value of BP0-BP3 bits. Please refer to table of "Protect-
ed Area Sizes".
- The Hardware Protected Mode (HPM) uses WP#/SIO2 to protect the (BP3, BP2, BP1, BP0) bits and SRWD
bit. If the system goes into four I/O mode, the feature of HPM will be disabled.
- MX25L12845E provides individual block (or sector) write protect & unprotect. User may enter the mode with
WPSEL command and conduct individual block (or sector) write protect with SBLK instruction, or SBULK for
individual block (or sector) unprotect. Under the mode, user may conduct whole chip (all blocks) protect with
GBLK instruction and unlock the whole chip with GBULK instruction.


Similar Part No. - MX25L12845EMI-10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L12845EMI-10G MCNIX-MX25L12845EMI-10G Datasheet
3Mb / 69P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
More results

Similar Description - MX25L12845EMI-10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L4006EM1I-12G MCNIX-MX25L4006EM1I-12G Datasheet
1Mb / 52P
   Serial Peripheral Interface compatible --Mode 0 and Mode 3
logo
ATMEL Corporation
AT25020B-SSHL-T ATMEL-AT25020B-SSHL-T Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT26F004 ATMEL-AT26F004_14 Datasheet
725Kb / 38P
   Serial Peripheral Interface (SPI) Compatible
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT25040B-XHL-B ATMEL-AT25040B-XHL-B Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161A ATMEL-AT26DF161A_14 Datasheet
938Kb / 41P
   Serial Peripheral Interface (SPI) Compatible
AT25080A ATMEL-AT25080A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com