Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L4006EM2I-12G Datasheet(PDF) 4 Page - Macronix International

Part # MX25L4006EM2I-12G
Description  Serial Peripheral Interface compatible --Mode 0 and Mode 3
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L4006EM2I-12G Datasheet(HTML) 4 Page - Macronix International

  MX25L4006EM2I-12G Datasheet HTML 1Page - Macronix International MX25L4006EM2I-12G Datasheet HTML 2Page - Macronix International MX25L4006EM2I-12G Datasheet HTML 3Page - Macronix International MX25L4006EM2I-12G Datasheet HTML 4Page - Macronix International MX25L4006EM2I-12G Datasheet HTML 5Page - Macronix International MX25L4006EM2I-12G Datasheet HTML 6Page - Macronix International MX25L4006EM2I-12G Datasheet HTML 7Page - Macronix International MX25L4006EM2I-12G Datasheet HTML 8Page - Macronix International MX25L4006EM2I-12G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
P/N: PM1576
MX25L4006E
REV. 1.3, FEB. 10, 2012
4M-BIT [x 1/x 2] CMOS SERIAL FLASH
FEATURES
GENERAL
• Serial Peripheral Interface compatible -- Mode 0 and Mode 3
• 4,194,304 x 1 bit structure or 2,097,152 x 2 bits (Dual Output mode) structure
• 128 Equal Sectors with 4K byte each
- Any Sector can be erased individually
• 8 Equal Blocks with 64K byte each
- Any Block can be erased individually
• Single Power Supply Operation
- 2.7 to 3.6 volt for read, erase, and program operations
• Latch-up protected to 100mA from -1V to Vcc +1V
PERFORMANCE
• High Performance
- Fast access time: 86MHz serial clock
- Serial clock of Dual Output mode: 80MHz
- Fast program time: 1.4ms(typ.) and 5ms(max.)/page (256-byte per page)
- Byte program time: 9us
- Fast erase time: 60ms(typ.)/sector (4K-byte per sector) ; 0.7s(typ.)/block (64K-byte per block)
• Low Power Consumption
- Low active read current: 12mA(max.) at 86MHz and 4mA(max.) at 33MHz
- Low active programming current: 20mA (max.)
- Low active erase current: 20mA (max.)
- Low standby current: 25uA (max.)
- Deep power-down mode 5uA (typ.)
• Minimum 100,000 erase/program cycles
• 20 years data retention
SOFTWARE FEATURES
• Input Data Format
- 1-byte Command code
• Block Lock protection
- The BP0~BP2 status bit defines the size of the area to be software protected against Program and Erase in-
structions
• Auto Erase and Auto Program Algorithm
- Automatically erases and verifies data at selected sector
- Automatically programs and verifies data at selected page by an internal algorithm that automatically times the
program pulse widths (Any page to be programed should have page in the erased state first)
• Status Register Feature
• Electronic Identification
- JEDEC 2-byte Device ID
- RES command, 1-byte Device ID
• Support Serial Flash Discoverable Parameters (SFDP) mode
HARDWARE FEATURES
• PACKAGE
- 8-pin SOP (150mil)
- 8-pin SOP (200mil)
- 8-pin PDIP (300mil)
- 8-land WSON (6x5mm, 0.8mm package height)
- 8-land USON (2x3x0.6mm)
-
All devices are RoHS Compliant


Similar Part No. - MX25L4006EM2I-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L4006EM2I12G MCNIX-MX25L4006EM2I12G Datasheet
1Mb / 52P
   4M-BIT [x 1/x 2] CMOS SERIAL FLASH
More results

Similar Description - MX25L4006EM2I-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L12845EMI-10G MCNIX-MX25L12845EMI-10G Datasheet
2Mb / 74P
   ??Serial Peripheral Interface compatible - Mode 0 and Mode 3
logo
ATMEL Corporation
AT25020B-SSHL-T ATMEL-AT25020B-SSHL-T Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT26F004 ATMEL-AT26F004_14 Datasheet
725Kb / 38P
   Serial Peripheral Interface (SPI) Compatible
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT25040B-XHL-B ATMEL-AT25040B-XHL-B Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161A ATMEL-AT26DF161A_14 Datasheet
938Kb / 41P
   Serial Peripheral Interface (SPI) Compatible
AT25080A ATMEL-AT25080A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com