Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV160DBGBI-70G Datasheet(PDF) 7 Page - Macronix International

Part # MX29LV160DBGBI-70G
Description  Byte/Word mode switchable - 2,097,152 x8 / 1,048,576 x16
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV160DBGBI-70G Datasheet(HTML) 7 Page - Macronix International

Back Button MX29LV160DBGBI-70G Datasheet HTML 3Page - Macronix International MX29LV160DBGBI-70G Datasheet HTML 4Page - Macronix International MX29LV160DBGBI-70G Datasheet HTML 5Page - Macronix International MX29LV160DBGBI-70G Datasheet HTML 6Page - Macronix International MX29LV160DBGBI-70G Datasheet HTML 7Page - Macronix International MX29LV160DBGBI-70G Datasheet HTML 8Page - Macronix International MX29LV160DBGBI-70G Datasheet HTML 9Page - Macronix International MX29LV160DBGBI-70G Datasheet HTML 10Page - Macronix International MX29LV160DBGBI-70G Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
7
P/N:PM1315
REV. 1.2, DEC. 22, 2011
MX29LV160D T/B
PIN CONFIGURATIONS
48 TSOP (Standard Type) (12mm x 20mm)
48-Ball CSP(TFBGA/LFBGA) (Ball Pitch = 0.8 mm, Top View, Balls Facing Down, 6 x 8 mm)
A15
A14
A13
A12
A11
A10
A9
A8
A19
NC
WE#
RESET#
NC
WP#/ACC
RY/BY#
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
BYTE#
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
Q11
Q3
Q10
Q2
Q9
Q1
Q8
Q0
OE#
GND
CE#
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A13
6
5
4
3
2
1
A
B
C
D
E
F
G
H
A9
A7
A3
WE#
RY/
BY#
A12
A8
WP#/
ACC
A17
A4
A14
A10
NC
A18
A6
A2
A15
A11
RE-
SET#
A19
NC
A5
A1
A16
Q7
Q5
Q2
Q0
A0
BYTE#
Q15/
A-1
Q14
Q12
Q10
Q8
Q13
VCC
Q11
Q9
GND
Q6
Q4
Q3
Q1
GND
CE#
OE#


Similar Part No. - MX29LV160DBGBI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160DBGBI70G MCNIX-MX29LV160DBGBI70G Datasheet
1Mb / 66P
   16M-BIT [2M x 8 / 1M x 16] 3V SUPPLY FLASH MEMORY
More results

Similar Description - MX29LV160DBGBI-70G

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM531602E OKI-MSM531602E Datasheet
98Kb / 8P
   1,048,576-Word X 16-Bit or 2,097,152-Word x 8-Bit MASKROM
MSM531632F OKI-MSM531632F Datasheet
101Kb / 9P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit MASKROM
MSM531602F OKI-MSM531602F Datasheet
98Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit MASKROM
MSM531622F OKI-MSM531622F Datasheet
98Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit MASKROM
MSM531632E OKI-MSM531632E Datasheet
102Kb / 9P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit MASKROM
MR53V1602J OKI-MR53V1602J Datasheet
158Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-word x 8-Bit MASK ROM
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602E OKI-MR27V1602E Datasheet
154Kb / 11P
   1,048,576.Word 횞 16.Bit or 2,097,152.Word 횞 8.Bit One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com