Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6680CGYT-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP6680CGYT-HF
Description  Simple Drive Requirement, Small Size & Lower Profile
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6680CGYT-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP6680CGYT-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6680CGYT-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6680CGYT-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6680CGYT-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP6680CGYT-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Maximum Continuous Drain
Fig 12. Gate Charge Waveform
Current v.s. Ambient Temperature
4
Q
VG
4.5V
QGS
QGD
QG
Charge
0
2
4
6
8
10
04
8
12
16
20
Q G , Total Gate Charge (nC)
I D =12 A
V DS =15V
0
200
400
600
800
1000
1200
1
5
9
131721
2529
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthia=210 ℃/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
Operation in this
area limited by
RDS(ON)
0
4
8
12
16
20
25
50
75
100
125
150
T A , Ambient Temperature (
o C )


Similar Part No. - AP6680CGYT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6680CGYT-HF A-POWER-AP6680CGYT-HF_14 Datasheet
64Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP6680CGYT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4800GYT-HF A-POWER-AP4800GYT-HF Datasheet
106Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP4820GYT-HF A-POWER-AP4820GYT-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP4453GYT-HF A-POWER-AP4453GYT-HF Datasheet
118Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP4455GYT-HF A-POWER-AP4455GYT-HF Datasheet
65Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP6680BGYT-HF A-POWER-AP6680BGYT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP6680SGYT-HF A-POWER-AP6680SGYT-HF Datasheet
65Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP6980GN2-HF A-POWER-AP6980GN2-HF Datasheet
104Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP9430AGYT-HF A-POWER-AP9430AGYT-HF Datasheet
103Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP9430GYT-HF A-POWER-AP9430GYT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP4451GYT-HF A-POWER-AP4451GYT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP4435GYT-HF A-POWER-AP4435GYT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com