Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A10G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # 6A10G
Description  Glass Passivated JunctionGeneral Purpose Plastic Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

6A10G Datasheet(HTML) 1 Page - Leshan Radio Company

  6A10G Datasheet HTML 1Page - Leshan Radio Company 6A10G Datasheet HTML 2Page - Leshan Radio Company 6A10G Datasheet HTML 3Page - Leshan Radio Company 6A10G Datasheet HTML 4Page - Leshan Radio Company 6A10G Datasheet HTML 5Page - Leshan Radio Company 6A10G Datasheet HTML 6Page - Leshan Radio Company 6A10G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
* Construction utilizes void-free molded plastic technique
* Low reverse leakage
* High forward surge capability
* Cavity-free glass passivated junction
* High temperature soldering guaranteed:
260°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Mechanical Data
Case
: JEDEC R-6, molded plastic
over glass DIE
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
We declare that the material of product
Polarity
: Color band denotes cathode end
compliance with ROHS requirements
Mounting Position
: Any
Weight
: 0.042 oz., 1.19 g
Handling precautin
:None
1.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25
°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol 6A05G 6A1G 6A2G 6A4G 6A6G 6A8G 6A10G Unit
device marking code
6A05G 6A1G 6A2G 6A4G 6A6G 6A8G 6A10G
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RSM voltage
VRSM
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 70°C
IR(AV)
µ
A
Typical thermal resistance (Note 1)
RθJA
°
C/W
Maximum DC blocking voltage temperature
TA
°
C
Operating junction and storage temperature range
TJ, TSTG
°
C
Electrical Characteristics Ratings at 25
°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol 6A05G 6A1G 6A2G 6A4G 6A6G 6A8G 6A10G Unit
Maximum instantaneous forward voltage at 6.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
µ
A
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
50 to +150
1.10
10
100
30
400
100
20
125
6A05GG thru 6A10G
Glass Passivated JunctionGeneral Purpose Plastic Rectifiers
Reverse Voltage 50 to 1000V Forward Current 6.0A
6.0


Similar Part No. - 6A10G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
6A10G JGD-6A10G Datasheet
137Kb / 2P
   6.0 AMP. GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Taychipst Elec...
6A10G TAYCHIPST-6A10G Datasheet
1Mb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
logo
Chongqing Pingwei Enter...
6A10G CHONGQING-6A10G Datasheet
177Kb / 1P
   6.0AMPS . GLASS PASSIVATED RECTIFIERS
logo
Dc Components
6A10G DCCOM-6A10G Datasheet
469Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
6A10G KISEMICONDUCTOR-6A10G Datasheet
75Kb / 2P
   GLASS PASSIVATED RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current -6.0Amperes
More results

Similar Description - 6A10G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GPP60A VISHAY-GPP60A Datasheet
52Kb / 2P
   Glass Passivated Junction Plastic Rectifiers
16-Mar-04
GP30M-E3-54 VISHAY-GP30M-E3-54 Datasheet
87Kb / 4P
   Glass Passivated Junction Plastic Rectifiers
Revision: 03-Apr-08
BY251GP VISHAY-BY251GP Datasheet
34Kb / 2P
   Glass Passivated Junction Plastic Rectifiers
17-Dec-02
logo
Pan Jit International I...
PG600A PANJIT-PG600A_09 Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Shenzhen Taychipst Elec...
GPP60A TAYCHIPST-GPP60A Datasheet
4Mb / 2P
   Glass Passivated Junction Plastic Rectifiers
logo
Pan Jit International I...
PG600A PANJIT-PG600A_07 Datasheet
62Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Shenzhen Taychipst Elec...
6A05G TAYCHIPST-6A05G Datasheet
1Mb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
logo
ON Semiconductor
S2A ONSEMI-S2A Datasheet
251Kb / 5P
   General-Purpose Rectifiers (Glass Passivated)
April, 2020 ??Rev. 2
logo
Gaomi Xinghe Electronic...
1N4001G GXELECTRONICS-1N4001G Datasheet
419Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
RL201G TAYCHIPST-RL201G Datasheet
1Mb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com