Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101RD Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F101RD
Description  High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101RD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F101RD Datasheet HTML 6Page - STMicroelectronics STM32F101RD Datasheet HTML 7Page - STMicroelectronics STM32F101RD Datasheet HTML 8Page - STMicroelectronics STM32F101RD Datasheet HTML 9Page - STMicroelectronics STM32F101RD Datasheet HTML 10Page - STMicroelectronics STM32F101RD Datasheet HTML 11Page - STMicroelectronics STM32F101RD Datasheet HTML 12Page - STMicroelectronics STM32F101RD Datasheet HTML 13Page - STMicroelectronics STM32F101RD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
Description
STM32F101xC, STM32F101xD, STM32F101xE
10/112
Doc ID 14610 Rev 8
2
Description
The STM32F101xC, STM32F101xD and STM32F101xE access line family incorporates the
high-performance ARM® Cortex™-M3 32-bit RISC core operating at a 36 MHz frequency,
high-speed embedded memories (Flash memory up to 512 Kbytes and SRAM up to 48
Kbytes), and an extensive range of enhanced I/Os and peripherals connected to two APB
buses. All devices offer one 12-bit ADC, four general-purpose 16-bit timers, as well as
standard and advanced communication interfaces: up to two I2Cs, three SPIs and five
USARTs.
The STM32F101xx high-density access line family operates in the –40 to +85 °C
temperature range, from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving
mode allows the design of low-power applications.
These features make the STM32F101xx high-density access line microcontroller family
suitable for a wide range of applications such as medical and handheld equipment, PC
peripherals and gaming, GPS platforms, industrial applications, PLC, printers, scanners
alarm systems and video intercom.


Similar Part No. - STM32F101RD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F101RD STMICROELECTRONICS-STM32F101RD Datasheet
1Mb / 106P
   High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces
STM32F101RD STMICROELECTRONICS-STM32F101RD Datasheet
1Mb / 112P
   High-density access line, ARM-based 32-bit MCU
STM32F101RDT6TR STMICROELECTRONICS-STM32F101RDT6TR Datasheet
1Mb / 106P
   High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces
STM32F101RDT6XXX STMICROELECTRONICS-STM32F101RDT6XXX Datasheet
1Mb / 106P
   High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces
More results

Similar Description - STM32F101RD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F101XC STMICROELECTRONICS-STM32F101XC Datasheet
1Mb / 106P
   High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces
STM32F101X4 STMICROELECTRONICS-STM32F101X4_10 Datasheet
1Mb / 77P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers
CD00191174 STMICROELECTRONICS-CD00191174 Datasheet
1Mb / 112P
   High-density access line, ARM-based 32-bit MCU
STM32F100RCT6 STMICROELECTRONICS-STM32F100RCT6 Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
STM32F100VCT6 STMICROELECTRONICS-STM32F100VCT6 Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
STM32F101C6T6 STMICROELECTRONICS-STM32F101C6T6 Datasheet
1Mb / 79P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
STM32F101T6U6A STMICROELECTRONICS-STM32F101T6U6A Datasheet
1Mb / 79P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
STM32F101C4T6A STMICROELECTRONICS-STM32F101C4T6A Datasheet
1Mb / 79P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
STM32F101X4 STMICROELECTRONICS-STM32F101X4 Datasheet
972Kb / 73P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
STM32F101R6T6 STMICROELECTRONICS-STM32F101R6T6 Datasheet
1Mb / 79P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com