Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9410GMT-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP9410GMT-HF
Description  Capable of 2.5V Gate Drive, SO-8 Compatible
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9410GMT-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP9410GMT-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9410GMT-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9410GMT-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9410GMT-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
30
-
-
V
VGS=10V, ID=20A
-
-
5
VGS=4.5V, ID=20A
-
-
5.5
VGS=2.5V, ID=20A
-
-
8
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
0.5
-
1.2
V
gfs
Forward Transconductance
VDS=10V, ID=20A
-
100
-
S
IDSS
Drain-Source Leakage Current
VDS=24V, VGS=0V
-
-
10
uA
IGSS
Gate-Source Leakage
VGS=+12V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
2
ID=20A
-
28
45
nC
Qgs
Gate-Source Charge
VDS=15V
-
3
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
12
-
nC
td(on)
Turn-on Delay Time
2
VDS=15V
-
12
-
ns
tr
Rise Time
ID=1A
-
15
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω
-38
-
ns
tf
Fall Time
VGS=5V
-
25
-
ns
Ciss
Input Capacitance
VGS=0V
-
1960
3130
pF
Coss
Output Capacitance
VDS=25V
-
400
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
230
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=20A, VGS=0V
-
-
1.2
V
trr
Reverse Recovery Time
2
IS=10A, VGS=0V,
-
39
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
41
-
nC
Notes:
1.Pulse width limited by Max. junction temperature
2.Pulse test
4.Starting Tj=25
oC , V
DD=20V , L=0.1mH , RG=25Ω , IAS=24A.
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
2
3.Surface mounted on 1 in
2 copper pad of FR4 board, t <10sec
AP9410GMT-HF
RDS(ON)
Static Drain-Source On-Resistance
2


Similar Part No. - AP9410GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9410GMT-HF A-POWER-AP9410GMT-HF_14 Datasheet
64Kb / 4P
   Simple Drive Requirement
AP9410GMT-HF A-POWER-AP9410GMT-HF_16 Datasheet
50Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP9410GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9T15GH-HF A-POWER-AP9T15GH-HF_16 Datasheet
63Kb / 5P
   Capable of 2.5V Gate Drive
AP9452AGG-HF A-POWER-AP9452AGG-HF Datasheet
99Kb / 4P
   Capable of 2.5V Gate Drive, Single Drive Requirement
AP9T15GH,J A-POWER-AP9T15GH,J_10 Datasheet
103Kb / 4P
   Low Gate Charge, Capable of 2.5V Gate Drive
AP9T19GJ A-POWER-AP9T19GJ Datasheet
80Kb / 4P
   Low Gate Charge, Capable of 2.5V gate drive
AP9T18GH,J A-POWER-AP9T18GH,J_08 Datasheet
218Kb / 6P
   Low Gate Charge, Capable of 2.5V gate drive
AP9452GG-HF A-POWER-AP9452GG-HF Datasheet
96Kb / 5P
   Lower gate charge, Capable of 2.5V gate drive
AP2324GN-HF A-POWER-AP2324GN-HF Datasheet
99Kb / 4P
   Capable of 2.5V gate drive, Lower Gate Charge
AP9T16GH,J A-POWER-AP9T16GH,J_08 Datasheet
268Kb / 6P
   Low Gate Charge, Capable of 2.5V gate drive
AP2308GEN-HF A-POWER-AP2308GEN-HF Datasheet
64Kb / 4P
   Capable of 2.5V Gate Drive, Lower Gate Charge
AP4434GH-HF A-POWER-AP4434GH-HF Datasheet
81Kb / 4P
   Lower Gate Charge, Capable of 2.5V Gate Drive
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com