Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD676A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BD676A
Description  Medium Power Linear and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD676A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BD676A Datasheet HTML 1Page - Fairchild Semiconductor BD676A Datasheet HTML 2Page - Fairchild Semiconductor BD676A Datasheet HTML 3Page - Fairchild Semiconductor BD676A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, September 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=300
µs, duty Cycle=1.5% Pulse
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BD676A
: BD678A
: BD680A
: BD682
- 45
- 60
- 80
- 100
V
V
V
V
VCEO
Collector-Emitter Voltage : BD676A
: BD678A
: BD680A
: BD682
- 45
- 60
- 80
- 100
V
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 4
A
ICP
*Collector Current (Pulse)
- 6
A
IB
Base Current
- 100
mA
PC
Collector Dissipation (TC=25°C)
14
W
Rθja
Thermal Resistance (Junction to Ambient)
88
°C/W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: BD676A
: BD678A
: BD680A
: BD682
IC = - 50mA, IB = 0
- 45
- 60
- 80
- 100
ICBO
Collector-Base Voltage
: BD676A
: BD678A
: BD680A
: BD682
VCB = - 45V, IE = 0
VCB = - 60V, IE = 0
VCB = - 80V, IE = 0
VCB = - 100V, VBE = 0
- 200
- 200
- 200
- 200
µA
µA
µA
µA
ICEO
Collector Cut-off Current : BD676A
: BD678A
: BD680A
: BD682
VCE = - 45V, VBE = 0
VCE = - 60V, VBE = 0
VCE = - 80V, VBE = 0
VCE = - 100V, VBE = 0
- 500
- 500
- 500
- 500
µA
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
- 2
mA
hFE
* DC Current Gain
: BD676A/678A/680A
: BD682
VCE = - 3V, IC = - 2A
VCE = - 3V, IC = - 1.5A
750
750
VCE(sat)
* Collector-Emitter Saturation Voltage
: BD676A/678A/680A
: BD682
IC = - 2A, IB = - 40mA
IC = - 1.5A, IB = - 30mA
- 2.8
- 2.5
V
V
VBE(on)
* Base-Emitter On Voltage : BD676A/678A/680A
: BD682
VCE = - 3V, IC = - 2A
VCE = - 3V, IC = - 1.5A
- 2.5
- 2.5
V
V
BD676A/678A/680A/682
Medium Power Linear and Switching
Applications
• Medium Power Darlington TR
• Complement to BD675A, BD677A, BD679A and BD681 respectively
1
TO-126
1. Emitter
2.Collector
3.Base


Similar Part No. - BD676A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD676A MOTOROLA-BD676A Datasheet
110Kb / 4P
   Plastic Medium-Power Silicon PNP Darlingtons
logo
ON Semiconductor
BD676A ONSEMI-BD676A Datasheet
59Kb / 4P
   Plastic Medium?뭁ower Silicon PNP Darlingtons
October, 2005 ??Rev. 12
logo
TRANSYS Electronics Lim...
BD676A TEL-BD676A Datasheet
55Kb / 3P
   PNP DARLIGNTON POWER SILICON TRANSISTORS
logo
Savantic, Inc.
BD676A SAVANTIC-BD676A Datasheet
102Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BD676A ISC-BD676A Datasheet
131Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - BD676A

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com