Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D35SB60 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # D35SB60
Description  High Current Glass Passivated Molding Single-Phase Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

D35SB60 Datasheet(HTML) 1 Page - Leshan Radio Company

  D35SB60 Datasheet HTML 1Page - Leshan Radio Company D35SB60 Datasheet HTML 2Page - Leshan Radio Company D35SB60 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
D35SB10 Thru D35SB100
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
Reverse Voltage 100 to 1000V
Forward Current 35 A
FEATURES
Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
High current capacity with small package
Glass passivated chip junctions
Superior thermal conductivity
High IFSM
1. Maximum & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Notes:
(1) Unit case mounted on aluminum plate heatsink
(2) Units mounted on P.C.B. without heatsink
Parameter Symbol
Symbol
D35SB10
D35SB20
D35SB40
D35SB60
D35SB80
D35SB100
Unit
Maximum repetitive voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum DC reverse current TA=25 ℃                                                 
5
at rated DC blocking voltage TA=125℃
IR
500
µA
35
A
Maximum average
forward rectified
output current at
With heatsink Tc=100℃
1
Without heatsink Ta=25℃
2
Io
10
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
IFSM
400
A
Rating of fusing (t<8.3ms)
I
2
t
660
A2sec
Dielectric strength terminals to case, AC 1
minute Current 1mA
Vdia
2.5
KV
Max instantaneous forward voltage at 17.5A
VF
1.
05
V
Operating junction temperature
TJ
-55~150
Maximum thermal on P.C.B. without heat-sink
RθJA
22
resistance per leg on Al plate heat-sink
RθJC
0.8
/W
Storage temperature
Tstg
-55~150
Mounting torque
Tor
Rating Torque : 0.8(Suggests 0.45~0.65)
N.m


Similar Part No. - D35SB60

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
D35SB60 ASEMI-D35SB60 Datasheet
321Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results

Similar Description - D35SB60

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D4KB10 LRC-D4KB10 Datasheet
210Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202S LRC-DB202S Datasheet
185Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510W LRC-MP3510W Datasheet
211Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Weitron Technology
GBL401 WEITRON-GBL401 Datasheet
222Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
ABS10 LRC-ABS10 Datasheet
673Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D20SB10 LRC-D20SB10_12 Datasheet
317Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB152 LRC-DB152 Datasheet
197Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202 LRC-DB202 Datasheet
200Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com