Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB205 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # DB205
Description  High Current Glass Passivated Molding Single-Phase Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

DB205 Datasheet(HTML) 2 Page - Leshan Radio Company

  DB205 Datasheet HTML 1Page - Leshan Radio Company DB205 Datasheet HTML 2Page - Leshan Radio Company DB205 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3
DB202 Thru DB207
2.
Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
Fig. 1 Derating Curve
Fig.2
Typical Reverse Characteristics
Case Temperature Ta(℃)
Percent of Rated Peak Reverse Voltage%
Fig.3
Forward Voltage
Fig.4
Peak Surge Forward Capability
Forward Voltage VF
Number of Cycles


Similar Part No. - DB205

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DB205 LUGUANG-DB205 Datasheet
152Kb / 2P
   Silicon Bridge Rectifiers
logo
Yangzhou yangjie electr...
DB205 YANGJIE-DB205 Datasheet
161Kb / 4P
   Bridge Rectifiers
logo
RFE international
DB205 RFE-DB205 Datasheet
920Kb / 3P
   Bridge Rectifiers
01-30-2023
logo
Formosa MS
DB205 FORMOSA-DB205 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Gaomi Xinghe Electronic...
DB205 GXELECTRONICS-DB205 Datasheet
322Kb / 2P
   SURFACE MOUNT
More results

Similar Description - DB205

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D4KB10 LRC-D4KB10 Datasheet
210Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202S LRC-DB202S Datasheet
185Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510W LRC-MP3510W Datasheet
211Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Weitron Technology
GBL401 WEITRON-GBL401 Datasheet
222Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
ABS10 LRC-ABS10 Datasheet
673Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D20SB10 LRC-D20SB10_12 Datasheet
317Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D35SB10 LRC-D35SB10 Datasheet
293Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB152 LRC-DB152 Datasheet
197Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com