Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBL4005 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # GBL4005
Description  Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

GBL4005 Datasheet(HTML) 3 Page - Leshan Radio Company

  GBL4005_12 Datasheet HTML 1Page - Leshan Radio Company GBL4005_12 Datasheet HTML 2Page - Leshan Radio Company GBL4005_12 Datasheet HTML 3Page - Leshan Radio Company GBL4005_12 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig.3 Peak Surge Forward capability
Number of Cycles at 60 Hz(cycles)
Fig.4 Forward Voltage
Forward Voltage VF(V)
LESHAN RADIO COMPANY, LTD.
3/4


Similar Part No. - GBL4005_12

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBL4005-BPC01 MCC-GBL4005-BPC01 Datasheet
566Kb / 3P
   4.0 Amp Glass Passivated Single-Phase Rectifiers 50 to 1000 Volts
logo
Yangzhou yangjie electr...
GBL4005A YANGJIE-GBL4005A Datasheet
154Kb / 4P
   Bridge Rectifiers
logo
RFE international
GBL4005A RFE-GBL4005A Datasheet
2Mb / 3P
   Bridge Rectifiers
1-09-2023
More results

Similar Description - GBL4005_12

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR2050CT KERSEMI-MBR2050CT Datasheet
151Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Leshan Radio Company
GBL201 LRC-GBL201 Datasheet
312Kb / 4P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H150CT KERSEMI-MBR20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF20H150CT KERSEMI-MBRF20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H90CT KERSEMI-MBRF30H90CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Sangdest Microelectroni...
DSS34 SMC-DSS34 Datasheet
305Kb / 4P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR30H100CT KERSEMI-MBR30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF3035C KERSEMI-MBRF3035C Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com