Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9435GK-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP9435GK-HF
Description  Simple Drive Requirement, Low Gate Charge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9435GK-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP9435GK-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9435GK-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9435GK-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9435GK-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min. Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-30
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-5.3A
-
-
50
mΩ
VGS=-4.5V, ID=-4.2A
-
-
100
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-4A
-
4
-
S
IDSS
Drain-Source Leakage Current
VDS=-30V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=70
oC) V
DS=-24V, VGS=0V
-
-
-25
uA
IGSS
Gate-Source Leakage
VGS= +20V, VDS=0V
-
-
±100 nA
Qg
Total Gate Charge
2
ID=-4A
-
8
16
nC
Qgs
Gate-Source Charge
VDS=-24V
-
1.5
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
4
-
nC
td(on)
Turn-on Delay Time
2
VDS=-15V
-
6.6
-
ns
tr
Rise Time
ID=-1A
-
7.7
-
ns
td(off)
Turn-off Delay Time
RG=6Ω,VGS=-10V
-
22
-
ns
tf
Fall Time
RD=15Ω
-
9.3
-
ns
Ciss
Input Capacitance
VGS=0V
-
570
912
pF
Coss
Output Capacitance
VDS=-25V
-
80
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
75
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min. Typ. Max. Units
VSD
Forward On Voltage
2
IS=-2.3A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
IS=-4A, VGS=0V,
-
18
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
10
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
3.Surface mounted on 1 in
2 copper pad of FR4 board ; 120 ℃/W when mounted on Min. copper pad.
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
2
AP9435GK-HF


Similar Part No. - AP9435GK-HF

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AP9435GK-HF VBSEMI-AP9435GK-HF Datasheet
1,001Kb / 8P
   P-Channel 35 V (D-S) MOSFET
logo
Advanced Power Electron...
AP9435GK-HF A-POWER-AP9435GK-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP9435GK-HF A-POWER-AP9435GK-HF_16 Datasheet
70Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP9435GK-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP70T03AS A-POWER-AP70T03AS Datasheet
77Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP4951GM A-POWER-AP4951GM Datasheet
188Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP85T03GS,P-HF A-POWER-AP85T03GS,P-HF Datasheet
105Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GP A-POWER-AP9435GP Datasheet
99Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GM A-POWER-AP9435GM Datasheet
185Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP70L02GH A-POWER-AP70L02GH Datasheet
84Kb / 6P
   Low Gate Charge, Simple Drive Requirement
AP60T03GH,J A-POWER-AP60T03GH,J Datasheet
104Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP70T03AH A-POWER-AP70T03AH Datasheet
76Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP60T03AS A-POWER-AP60T03AS Datasheet
82Kb / 4P
   Simple Drive Requirement Low Gate Charge
AP60T03GH,J-HF A-POWER-AP60T03GH,J-HF Datasheet
104Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP60T03GS A-POWER-AP60T03GS Datasheet
206Kb / 6P
   Simple Drive Requirement, Low Gate Charge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com