Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBL401 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # GBL401
Description  Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

GBL401 Datasheet(HTML) 2 Page - Leshan Radio Company

  GBL401 Datasheet HTML 1Page - Leshan Radio Company GBL401 Datasheet HTML 2Page - Leshan Radio Company GBL401 Datasheet HTML 3Page - Leshan Radio Company GBL401 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig. 1 Derating Curve
Case Temperature Tc( ℃)
Fig.2 Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage
Characteristic Curves
LESHAN RADIO COMPANY, LTD.
2/4


Similar Part No. - GBL401

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBL401 LRC-GBL401 Datasheet
65Kb / 2P
   Maximum Ratings & Thermal Characteristics Ratings at 25??ambient temperature unless otherwise specified.
logo
Diode Semiconductor Kor...
GBL401 DSK-GBL401 Datasheet
218Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBL401 JUXING-GBL401 Datasheet
908Kb / 2P
   BRIDGE RECTIFIERS
logo
Pan Jit International I...
GBL401 PANJIT-GBL401 Datasheet
47Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBL401 CHONGQING-GBL401 Datasheet
204Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBL401

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR2050CT KERSEMI-MBR2050CT Datasheet
151Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Leshan Radio Company
GBL201 LRC-GBL201 Datasheet
312Kb / 4P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H150CT KERSEMI-MBR20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF20H150CT KERSEMI-MBRF20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H90CT KERSEMI-MBRF30H90CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Sangdest Microelectroni...
DSS34 SMC-DSS34 Datasheet
305Kb / 4P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR30H100CT KERSEMI-MBR30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF3035C KERSEMI-MBRF3035C Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com