Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU4B Datasheet(PDF) 1 Page - Leshan Radio Company

Part # GBU4B
Description  High Current Glass Passivated Molding Single-Phase Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

GBU4B Datasheet(HTML) 1 Page - Leshan Radio Company

  GBU4B Datasheet HTML 1Page - Leshan Radio Company GBU4B Datasheet HTML 2Page - Leshan Radio Company GBU4B Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
GBU4B Thru GBU4M
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
Reverse Voltage 100 to 1000V
Forward Current 4A
FEATURES
Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
High current capacity with small package
Glass passivated chip junctions
Superior thermal conductivity
High IFSM
1. Maximum & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter Symbol
Symbol
GBU4B
GBU4D
GBU4G
GBU4J
GBU4K
GBU4M
Unit
Maximum repetitive voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum DC reverse current TA=25 ℃
5
at rated DC blocking voltage TA=125℃
IR
500
µA
Maximum average forward rectified output
current at Tc=100℃
(1)
Unites mounted on P.C.B. without
heat-sinkTa=40℃
(2)
Io
4
3
A
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
IFSM
150
A
Rating of fusing (t<8.3ms)
I
2t
93
A
2sec
Dielectric strength terminals to case, AC 1
minute Current 1mA
Vdia
2.5
KV
Max instantaneous forward voltage at 2.0A
VF
1.0
5
V
Maximum thermal on P.C.B. without
heat-sink
RθJA
MAX 22
resistance per leg on Al plate heat-sink
RθJC
MAX 3.5
/W
Operating junction temperature
TJ
-55~150
Storage temperature
Tstg
-55~150
Mounting torque
Tor
Rating Torque : 0.8(Suggests 0.45~0.65)
N.m


Similar Part No. - GBU4B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU4B PANJIT-GBU4B Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
Rugao Dachang Electroni...
GBU4B DACHANG-GBU4B Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
SHIKUES Electronics
GBU4B SKTECHNOLGY-GBU4B Datasheet
1Mb / 3P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Semikron International
GBU4B SEMIKRON-GBU4B Datasheet
222Kb / 2P
   Silicon-Bridge Rectifiers
logo
Micro Commercial Compon...
GBU4B MCC-GBU4B Datasheet
174Kb / 3P
   4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBU4B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D4KB10 LRC-D4KB10 Datasheet
210Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202S LRC-DB202S Datasheet
185Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510W LRC-MP3510W Datasheet
211Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Weitron Technology
GBL401 WEITRON-GBL401 Datasheet
222Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
ABS10 LRC-ABS10 Datasheet
673Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D20SB10 LRC-D20SB10_12 Datasheet
317Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D35SB10 LRC-D35SB10 Datasheet
293Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB152 LRC-DB152 Datasheet
197Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202 LRC-DB202 Datasheet
200Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com