Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9452GG-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP9452GG-HF
Description  Lower gate charge, Capable of 2.5V gate drive
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9452GG-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP9452GG-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9452GG-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9452GG-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9452GG-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9452GG-HF Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
20
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.03
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=4A
-
-
38
VGS=4.5V, ID=4A
-
-
50
VGS=2.5V, ID=3A
-
-
80
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
0.5
-
1.5
V
gfs
Forward Transconductance
2
VDS=5V, ID=3A
-
10
-
S
IDSS
Drain-Source Leakage Current
VDS=20V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=70
oC)
VDS=16V ,VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS= +16V
-
-
+100
nA
Qg
Total Gate Charge
2
ID=4A
-
6
10
nC
Qgs
Gate-Source Charge
VDS=16V
-
1
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
2
-
nC
td(on)
Turn-on Delay Time
2
VDS=10V
-
8
-
ns
tr
Rise Time
ID=1A
-
9
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=5V
-
13
-
ns
tf
Fall Time
RD=10Ω
-3
-
ns
Ciss
Input Capacitance
VGS=0V
-
360
570
pF
Coss
Output Capacitance
VDS=20V
-
80
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
65
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=1A, VGS=0V
-
-
1.3
V
t
rr
Reverse Recovery Time
2
IS=4A, VGS=0V,
-
18
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
10
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
3.Surface mount on FR4 board, t < 10s.
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
2
AP9452GG-HF


Similar Part No. - AP9452GG-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9452GG-HF A-POWER-AP9452GG-HF_14 Datasheet
96Kb / 5P
   Lower gate charge
AP9452GG-HF A-POWER-AP9452GG-HF_16 Datasheet
100Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP9452GG-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2308GEN-HF A-POWER-AP2308GEN-HF Datasheet
64Kb / 4P
   Capable of 2.5V Gate Drive, Lower Gate Charge
AP4434GH-HF A-POWER-AP4434GH-HF Datasheet
81Kb / 4P
   Lower Gate Charge, Capable of 2.5V Gate Drive
AP9452GG A-POWER-AP9452GG_08 Datasheet
130Kb / 5P
   Lower gate charge, Capable of 2.5V gate drive
AP2324GN-HF A-POWER-AP2324GN-HF Datasheet
99Kb / 4P
   Capable of 2.5V gate drive, Lower Gate Charge
AP9T16AGH-HF A-POWER-AP9T16AGH-HF Datasheet
71Kb / 4P
   Lower Gate Charge, Capable of 2.5V Gate Drive
AP2302AGN-HF A-POWER-AP2302AGN-HF Datasheet
99Kb / 4P
   Capable of 2.5V gate drive, Lower Gate Charge
AP2344GN-HF A-POWER-AP2344GN-HF Datasheet
55Kb / 4P
   Capable of 1.8V Gate Drive, Lower Gate Charge
AP2535GEY-HF A-POWER-AP2535GEY-HF Datasheet
128Kb / 7P
   Capable of 1.8V Gate Drive, Lower Gate Charge
AP2344GEN-HF A-POWER-AP2344GEN-HF Datasheet
58Kb / 4P
   Capable of 1.8V Gate Drive, Lower Gate Charge
AP2346GN-HF A-POWER-AP2346GN-HF Datasheet
55Kb / 4P
   Capable of 1.8V Gate Drive, Lower Gate Charge
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com