Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2SC2412KSLT1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # L2SC2412KSLT1G
Description  General Purpose Transistors NPN Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC2412KSLT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  L2SC2412KSLT1G Datasheet HTML 1Page - Leshan Radio Company L2SC2412KSLT1G Datasheet HTML 2Page - Leshan Radio Company L2SC2412KSLT1G Datasheet HTML 3Page - Leshan Radio Company L2SC2412KSLT1G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
Fig.8 Collector-emitter saturation voltage vs.
collector current ( )
I
C, COLLECTOR CURRENT (mA)
0.2
0.5
1
2
5
10
20
50
100
Fig.9 Gain bandwidth product vs. emitter current
500
200
100
50
I
E, EMITTER CURRENT (mA)
–0.5
–1
–2
–5
–10
–20
–50
–100
Fig.10 Collector output capacitance vs.collector-base voltage
Emitter inputcapacitance vs. emitter-base voltage
20
10
5
2
1
V
CB, COLLECTOR TO BASE VOLTAGE (V)
V
EB, EMITTER TO BASE VOLTAGE (V)
0.2
0.5
1
2
5
10
20
50
Fig.7 Collector-emitter saturation voltage vs.
collector current ( )
0.5
0.2
0.1
0.05
0.02
0.01
I
C, COLLECTOR CURRENT (mA)
0.2
0.5
1
2
5
10
20
50
100
200
0.5
0.2
0.1
0.05
0.02
0.01
Fig.11 Base-collector time constant vs.emitter current
200
100
50
20
10
I
E, EMITTER CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
L2SC2412KQLT1G
Series
Rev.O 3/4


Similar Part No. - L2SC2412KSLT1G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
L2SC2412KSLT1G LEIDITECH-L2SC2412KSLT1G Datasheet
402Kb / 4P
   general purpose transistors NPN Silicon
More results

Similar Description - L2SC2412KSLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com