Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2SC3837LT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2SC3837LT1G
Description  High-Frequency Amplifier Transistor Small rbb Cc and high gain
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC3837LT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  L2SC3837LT1G Datasheet HTML 1Page - Leshan Radio Company L2SC3837LT1G Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
High-Frequency Amplifier
Transistor
Features
1.High transition frequency.(Typ.fT=1.5GHz)
2.Small rbb`Cc and high gain.(Typ.6ps)
3.Small NF.
L2SC3837LT1G
MAXIMUM RATINGS (TA = 25
°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
18
V
Emitter-base voltage
VEBO
3V
Collector Current
IC
50
mA
Collector power dissipation
PC
0.2
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~+150
°C
ELECTRICAL CHARACTERISTICS(TA = 25
°C)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
Collector-base breakdown voltage
BV
CBO
30
--
VI
C=10µA
Collector-emitter breakdown voltage
BV
CEO
18
--
VI
C=1mA
Emitter-base breakdown voltage
BV
EBO
3
--
VI
E=10µA
Collector cutoff current
I
CBO
--
0.5
µAV
CB=10V
Emitter cutoff current
I
EBO
--
0.5
µAV
EB=2V
Collector-emitter saturation voltage
V
CE(sat)
--
0.5
V
I
C/IB=20mA/4mA
DC current transfer ratio
h
FE
56
-
180
-
V
CE/IC=10V/10mA
Transition frequency
f
T
600
1500
-
MHz
V
CB=10V, IC=10mA, f=200MHz
Output capacitance
Cob
-
0.9
1.5
pF
V
CB=10V, IE=0A, f=1MHz
Collector-base time constant
rbb`Cc
-
613
ps
V
CB=10V, IC=10mA, f=31.8MHz
Noise factor
NF
-
4.5
-
dB
V
CE=12V, IC=2mA, f=200MHz,Rg=50Ω
DEVICE MARKING
L2SC3837LT1G=AP
1
BASE
2
EMITTER
COLLECTOR
3
1
2
3
4.
ORDERING INFORMATION
Device
Package
Shipping
L2SC3837LT1G
3000/Tape & Reel
SOT-23
L2SC3837LT3G
SOT-23
10000/Tape & Reel
We declare that the material of product compliance with RoHS requirements.
SOT-23
Rev.O 1/2


Similar Part No. - L2SC3837LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC3837LT1G LRC-L2SC3837LT1G_15 Datasheet
80Kb / 2P
   High frequency Amplifier Transistor
More results

Similar Description - L2SC3837LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC3838QLT1G LRC-L2SC3838QLT1G Datasheet
71Kb / 2P
   High-Frequency Amplifier Transistor Small rbb Cc and high gain.
L2SC3837T1G LRC-L2SC3837T1G Datasheet
87Kb / 2P
   High-Frequency Amplifier Transistor Small rbb Cc and high gain
L2SC3837QLT1G LRC-L2SC3837QLT1G Datasheet
71Kb / 2P
   High-Frequency Amplifier Transistor Small rbb Cc and high gain.
L2SC3838LT1G LRC-L2SC3838LT1G Datasheet
70Kb / 2P
   High-Frequency Amplifier Transistor Small rbb Cc and high gain.
L2SC5635LT1G LRC-L2SC5635LT1G Datasheet
1Mb / 3P
   High-Frequency Amplifier Transistor High gain,low noise
logo
Rohm
2SD1383K ROHM-2SD1383K_11 Datasheet
147Kb / 3P
   High-gain Amplifier Transistor
2SD1383K ROHM-2SD1383K Datasheet
114Kb / 4P
   High-gain Amplifier Transistor
logo
Guangdong Kexin Industr...
2SB852 KEXIN-2SB852 Datasheet
104Kb / 2P
   High-gain Amplifier Transistor
2SD2153 KEXIN-2SD2153 Datasheet
35Kb / 1P
   High Gain Amplifier Transistor
logo
Leshan Radio Company
L2SC4226T1G LRC-L2SC4226T1G Datasheet
175Kb / 5P
   High-Frequency Amplifier Transistor Small Mini Mold Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com