Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS40170CGY-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS40170CGY-TR
Description  Automotive high voltage power Schottky rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40170CGY-TR Datasheet(HTML) 1 Page - STMicroelectronics

  STPS40170CGY-TR Datasheet HTML 1Page - STMicroelectronics STPS40170CGY-TR Datasheet HTML 2Page - STMicroelectronics STPS40170CGY-TR Datasheet HTML 3Page - STMicroelectronics STPS40170CGY-TR Datasheet HTML 4Page - STMicroelectronics STPS40170CGY-TR Datasheet HTML 5Page - STMicroelectronics STPS40170CGY-TR Datasheet HTML 6Page - STMicroelectronics STPS40170CGY-TR Datasheet HTML 7Page - STMicroelectronics STPS40170CGY-TR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2011
Doc ID 17960 Rev 1
1/7
7
STPS40170C-Y
Automotive high voltage power Schottky rectifier
Features
High junction temperature capability
Low leakage current
Good trade off between leakage current and
forward voltage drop
Low thermal resistance
High frequency operation
Avalanche specification
AEC-Q101 qualified
Description
Dual center tab Schottky rectifier suited for high
frequency switched mode power supplies.
Packaged in D2PAK, these devices are intended
for use to enhance the reliability of the application
in automotive segment.
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 20 A
VRRM
170 V
Tj
175 °C
VF (max)
0.75 V
D2PAK
STPS40170CGY-TR
K
A1
A2
A1
K
A2
www.st.com


Similar Part No. - STPS40170CGY-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40170CG STMICROELECTRONICS-STPS40170CG Datasheet
123Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
STPS40170CG ISC-STPS40170CG Datasheet
274Kb / 2P
   Schottky Barrier Rectifier
logo
STMicroelectronics
STPS40170CG-TR STMICROELECTRONICS-STPS40170CG-TR Datasheet
123Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS40170CGY-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1H100AY STMICROELECTRONICS-STPS1H100AY Datasheet
136Kb / 9P
   Automotive high voltage power Schottky rectifier
STPS1H100-Y STMICROELECTRONICS-STPS1H100-Y Datasheet
118Kb / 9P
   Automotive high voltage power Schottky rectifier
STPS2H100ZFY STMICROELECTRONICS-STPS2H100ZFY Datasheet
299Kb / 8P
   Automotive high voltage power Schottky rectifier
October 2016 Rev 1
STPS5H100-Y STMICROELECTRONICS-STPS5H100-Y Datasheet
90Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS5H100BY-TR STMICROELECTRONICS-STPS5H100BY-TR Datasheet
90Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS15H100C-Y STMICROELECTRONICS-STPS15H100C-Y Datasheet
200Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS200170TV1Y STMICROELECTRONICS-STPS200170TV1Y Datasheet
107Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS5H100AFY STMICROELECTRONICS-STPS5H100AFY Datasheet
312Kb / 8P
   Automotive high voltage power Schottky rectifier
June 2016
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com