Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2SD2114KVLT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2SD2114KVLT3G
Description  Epitaxial planar type NPN silicon transistor High DC current gain
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SD2114KVLT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  L2SD2114KVLT3G Datasheet HTML 1Page - Leshan Radio Company L2SD2114KVLT3G Datasheet HTML 2Page - Leshan Radio Company L2SD2114KVLT3G Datasheet HTML 3Page - Leshan Radio Company L2SD2114KVLT3G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
Epitaxial planar type
NPN silicon transistor
Features
1) High DC current gain.
hFE = 1200 (Typ.)
2) High emitter-base voltage.
VEBO =12V (Min.)
3) Low VCE(sat).
VCE (sat) = 0.18V (Typ.)
(IC / IB = 500mA / 20mA)
1
SOT– 23 (TO–236AB)
L2SD2114KVLT1G Series
1
BASE
2
EMITTER
COLLECTOR
3
Absolute maximum ratings (Ta=25
°C)
Parameter
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
25
V
V
V
A(DC)
W
°C
°C
20
12
0.5
A(Pulse)
1
0.2
150
−55∼+150
Symbol
Limits
Unit
Single pulse Pw=100ms
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
fT
Cob
Min.
25
20
12
0.18
350
8.0
0.5
0.5
0.4
VIC
=10µA
IC
=1mA
IE
=10µA
VCB
=20V
VEB
=10V
IC/IB
=500mA/20mA
VCE
=10V, IE=−50mA, f=100MHz
VCB
=10V, IE=0A, f=1MHz
V
V
µA
µA
hFE
820
2700
VCE
=3V, IC=10mA
V
MHz
pF
Ron
0.8
IB
=1mA, Vi=100mV(rms), f=1kHz
pF
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Output On-resistance
Measured using pulse current
hFE Values Classification, Device Marking and Ordering Information
Device
hFE
Marking
Shipping
L2SD2114KVLT1G
820~1800
BV
3000/Tape&Reel
L2SD2114KVLT3G
820~1800
BV
10000/Tape&Reel
L2SD2114KWLT1G
1200~2700
BW
3000/Tape&Reel
L2SD2114KWLT3G
1200~2700
BW
10000/Tape&Reel
4) We declare that the material of product compliance with RoHS requirements.
2
3
Rev.O 1/4


Similar Part No. - L2SD2114KVLT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SD2114KVLT1 LRC-L2SD2114KVLT1 Datasheet
78Kb / 4P
   Epitaxial planar type NPN silicon transistor
L2SD2114KVLT1G LRC-L2SD2114KVLT1G Datasheet
78Kb / 4P
   Epitaxial planar type NPN silicon transistor
L2SD2114KVLT1G LRC-L2SD2114KVLT1G_15 Datasheet
112Kb / 4P
   NPN silicon transistor
More results

Similar Description - L2SD2114KVLT3G

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
TIP140 WINGS-TIP140 Datasheet
24Kb / 2P
   NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR(HIGH DC CURRENT GAIN)
logo
Cystech Electonics Corp...
BTD2114N3 CYSTEKEC-BTD2114N3 Datasheet
283Kb / 8P
   High Current Gain Medium Power NPN Epitaxial Planar Transistor
logo
Micro Electronics
BC171 MICRO-ELECTRONICS-BC171 Datasheet
183Kb / 2P
   NPN HIGH GAIN LOW NOISE SILICON PLANAR EPITAXIAL TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
ST2SC4375U SEMTECH_ELEC-ST2SC4375U Datasheet
239Kb / 3P
   NPN Silicon Epitaxial Planar Transistor High current application
17/04/2007
logo
AUK corp
SUR510EF AUK-SUR510EF Datasheet
48Kb / 3P
   Epitaxial Planar Type NPN Silicon Transistor
SUR542EF AUK-SUR542EF Datasheet
186Kb / 4P
   Epitaxial Planar Type NPN Silicon Transistor
SUT485J AUK-SUT485J Datasheet
218Kb / 4P
   Epitaxial Planar type NPN Silicon Transistor
logo
Sanyo Semicon Device
2SC3173 SANYO-2SC3173 Datasheet
47Kb / 1P
   NPN Epitaxial Planar Type Silicon Transistor
logo
KEC(Korea Electronics)
KTC2874 KEC-KTC2874_03 Datasheet
405Kb / 3P
   SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE
logo
First Silicon Co., Ltd
FTD2114K FS-FTD2114K Datasheet
126Kb / 4P
   Epitaxial planar type NPN silicon transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com